Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5595-S08-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # UR5595-S08-R
Description  DDR TERMINATION REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5595-S08-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button UR5595-S08-R Datasheet HTML 4Page - Unisonic Technologies UR5595-S08-R Datasheet HTML 5Page - Unisonic Technologies UR5595-S08-R Datasheet HTML 6Page - Unisonic Technologies UR5595-S08-R Datasheet HTML 7Page - Unisonic Technologies UR5595-S08-R Datasheet HTML 8Page - Unisonic Technologies UR5595-S08-R Datasheet HTML 9Page - Unisonic Technologies UR5595-S08-R Datasheet HTML 10Page - Unisonic Technologies UR5595-S08-R Datasheet HTML 11Page - Unisonic Technologies UR5595-S08-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
UR5595
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 12
www.unisonic.com.tw
QW-R502-062.B
TYPICAL APPLICATION CIRCUITS(Cont.)
FOR DDR-II APPLICATIONS
As a result of the separate VDDQ pin and an internal resistor divider, UR5595 can be utilized in DDR-II system,
figure 5 and 6 show two recommended circuits in DDR-II SDRAM application. The output stage is connected to the
1.8V rail and the AVIN pin can be connected to either a 3.3V or 5V rail. If it is not desirable to use the 1.8V rail it is
possible to connect the output stage to a 3.3V rail. The power dissipation increasing concern must be careful as well
SSTL-II application. The advantage of configuration of figure 6 is that it has the ability to source and sink a higher
maximum continuous current.
+
+
+
VTT
VDDQ
VSENSE
VREF
GND
AVIN
PVIN
CIN
VDDQ=1.8V
AVIN=2.2V ~ 5.5V
COUT
CREF
VREF=0.9V
VTT=0.9V
UTC UR5595
PVIN=1.8V
Figure 5. Recommended DDR-II Termination
Figure 6. DDR-II Termination with higher voltage rails



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com