Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5595-S08-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # UR5595-S08-R
Description  DDR TERMINATION REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5595-S08-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button UR5595-S08-R Datasheet HTML 4Page - Unisonic Technologies UR5595-S08-R Datasheet HTML 5Page - Unisonic Technologies UR5595-S08-R Datasheet HTML 6Page - Unisonic Technologies UR5595-S08-R Datasheet HTML 7Page - Unisonic Technologies UR5595-S08-R Datasheet HTML 8Page - Unisonic Technologies UR5595-S08-R Datasheet HTML 9Page - Unisonic Technologies UR5595-S08-R Datasheet HTML 10Page - Unisonic Technologies UR5595-S08-R Datasheet HTML 11Page - Unisonic Technologies UR5595-S08-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
UR5595
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 12
www.unisonic.com.tw
QW-R502-062.B
TYPICAL CHARACTERISTICS
1.40
1.10
-30
-20
0
10
20
30
IREF (μA)
VREF vs. IREF
1.35
1.30
1.25
1.20
1.15
-10
3
2.5
2
1.5
1
0.5
0
012
345
6
VDDQ (V)
VREF vs. VDDQ
1.275
1.270
1.265
1.260
1.255
1.250
1.245
-100 -75
0
25
75
100
IOUT (mA)
VTT vs. IOUT
(0 ,25,85,and 125 ℃)
-50 -25
50
125 ℃
0 ℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com