Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4041DZ Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4041DZ
Description  PRECISION SHUNT VOLTAGE REFERENCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4041DZ Datasheet(HTML) 1 Page - Semtech Corporation

  SC4041DZ Datasheet HTML 1Page - Semtech Corporation SC4041DZ Datasheet HTML 2Page - Semtech Corporation SC4041DZ Datasheet HTML 3Page - Semtech Corporation SC4041DZ Datasheet HTML 4Page - Semtech Corporation SC4041DZ Datasheet HTML 5Page - Semtech Corporation SC4041DZ Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 1998 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PRECISION SHUNT VOLTAGE
REFERENCE
SC4041
PRELIMINARY - April 13, 1998
1
FEATURES
The SC4041 is a two terminal precision voltage
reference with thermal stability guaranteed over
temperature. The very low fixed output voltage of
1.225 V is ideal for use with today’s low voltage
integrated circuits. The SC4041 has a typical dynamic
output impedance of 0.25
Ω. Active output circuitry
provides a very sharp turn on characteristic - the
minimum operating current is 60µA, with a maximum
of 20mA.
Available with five voltage tolerances (0.1%, 0.2%,
0.5%, 1.0% and 2.0%) and three package outlines
(SOT-23, SO-8 and TO-92), this part allows the
designer the opportunity to select the optimum
combination of cost and performance for their
application.
APPLICATIONS
• Low voltage operation (1.225V)
• Trimmed bandgap design (0.1%)
• Wide operating current range 60µA to 20mA
• Low dynamic impedance (0.25Ω)
• Available in SOT-23, TO-92 and SO-8
• Cellular telephones
• Portable computers
• Instrumentation
• Automotive
BLOCK DIAGRAM
SYMBOL DIAGRAM
PIN CONFIGURATIONS
SOT-23-3 Lead (Top View)
SO-8 Lead (Top View)
TO-92 (Top View)
Cathode
Anode
Cathode
Anode
DESCRIPTION
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com


Similar Part No. - SC4041DZ

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4040 SEMTECH-SC4040 Datasheet
99Kb / 6P
PRECISION SHUNT VOLTAGE REFERENCE
SC4040AS SEMTECH-SC4040AS Datasheet
99Kb / 6P
PRECISION SHUNT VOLTAGE REFERENCE
SC4040ASK SEMTECH-SC4040ASK Datasheet
99Kb / 6P
PRECISION SHUNT VOLTAGE REFERENCE
SC4040AZ SEMTECH-SC4040AZ Datasheet
99Kb / 6P
PRECISION SHUNT VOLTAGE REFERENCE
SC4040BS SEMTECH-SC4040BS Datasheet
99Kb / 6P
PRECISION SHUNT VOLTAGE REFERENCE
More results

Similar Description - SC4041DZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
logo
Semtech Corporation
SC1004 SEMTECH-SC1004 Datasheet
60Kb / 3P
PRECISION SHUNT VOLTAGE REFERENCE
SC4040 SEMTECH-SC4040 Datasheet
99Kb / 6P
PRECISION SHUNT VOLTAGE REFERENCE
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
Precision Micropower Shunt Voltage Reference
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432 ACE-ACE432 Datasheet
248Kb / 12P
Precision adjustable shunt voltage reference
VER 1.2
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
Precision adjustable shunt voltage reference
VER 1.2
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
Precision Micropower Shunt Voltage Reference
logo
ACE Technology Co., LTD...
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
Precision adjustable shunt voltage reference
VER 1.4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com