Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5HC418-FN Datasheet(PDF) 10 Page - Semtech Corporation

Part # UR5HC418-FN
Description  AT / PS/2 - Compatible Keyboard Encoder
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UR5HC418-FN Datasheet(HTML) 10 Page - Semtech Corporation

Back Button UR5HC418-FN Datasheet HTML 6Page - Semtech Corporation UR5HC418-FN Datasheet HTML 7Page - Semtech Corporation UR5HC418-FN Datasheet HTML 8Page - Semtech Corporation UR5HC418-FN Datasheet HTML 9Page - Semtech Corporation UR5HC418-FN Datasheet HTML 10Page - Semtech Corporation UR5HC418-FN Datasheet HTML 11Page - Semtech Corporation UR5HC418-FN Datasheet HTML 12Page - Semtech Corporation UR5HC418-FN Datasheet HTML 13Page - Semtech Corporation UR5HC418-FN Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Copyright ©1997-2001 Semtech Corporation
DOC5-418-DS-109
www.semtech.com
10
MECHANICALS FOR THE UR5HC418-P
40
21
1
20
B
A
Seating
Plane
N
K
D
F
G
H
C
L
J
M
Notes:
1. Positional tolerance of leads (D) shall be
within 0.25 mm (0.010) at maximum material
condition, in relation to the seating plane and
each other.
2. Diminsion L is to the center of the leads when
the leads are formed parallel.
3. Dimension B does not include mold flash.
B
C
D
F
G
H
J
K
L
M
N
13.72 14.22 0.540 0.560
3.94 5.08
0.155 0.200
0.36
0.56 0.014 0.022
1.02
1.52 0.040 0.060
2.54 BSC
0.100 BSC
2.16
0.085
0.20
0.008
2.92
0.015
15
0
15
0.51
1.02 0.020 0.040
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
DIM
0
0
0
A
51.69 52.45 2.035 2.065
0.38
0.015
0.135
3.43
15.24 BSC
0.600 BSC
0
1.65
0.065
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com