Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5HC418-FN Datasheet(PDF) 1 Page - Semtech Corporation

Part # UR5HC418-FN
Description  AT / PS/2 - Compatible Keyboard Encoder
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UR5HC418-FN Datasheet(HTML) 1 Page - Semtech Corporation

  UR5HC418-FN Datasheet HTML 1Page - Semtech Corporation UR5HC418-FN Datasheet HTML 2Page - Semtech Corporation UR5HC418-FN Datasheet HTML 3Page - Semtech Corporation UR5HC418-FN Datasheet HTML 4Page - Semtech Corporation UR5HC418-FN Datasheet HTML 5Page - Semtech Corporation UR5HC418-FN Datasheet HTML 6Page - Semtech Corporation UR5HC418-FN Datasheet HTML 7Page - Semtech Corporation UR5HC418-FN Datasheet HTML 8Page - Semtech Corporation UR5HC418-FN Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DeskCoderTM UR5HC418
AT / PS/2 - Compatible
Keyboard Encoder
DeskCoder and KeyCoder are trademarks of
Semtech Corporation. All other trademarks
belong to their respective companies.
Copyright ©1997-2001 Semtech Corporation
DOC5-418-DS-109
www.semtech.com
1
HID & SYSTEM MANAGEMENT PRODUCTS, KEYCODERTM FAMILY
DESCRIPTION
FEATURES
• Desktop computers
• Instrumentation
• Industrial keyboards
• Point of sales terminals
• Public information kiosks
The DeskCoderTM keyboard encoder
functions as a versatile, low-power
desktop keyboard encoder, while
providing two bi-directional
channels for communication with a
BIOS-compatible system as well as
any optional keyboard-compatible
devices, such as a 101/102/104
desktop keyboard, OCR, barcode
reader, etc.
The DeskCoderTM fully supports the
IBM standard keyboard communi-
cation protocol; each key press
generates one of the scan codes
designated in the IBM Technical
Reference Manuals. The keyboard
encoder handles the scanning,
debounce, and encoding of 128
keys organized on an 8 x 16 matrix.
In addition to the system’s keyboard
communication port, the UR5HC418
provides a fully functional keyboard
input port that can be used by a
standard 101/102/104 keyboard or
another 8042-compatible device,
such as an external numeric
keypad, an OCR, or a bar-code
reader. Input from both the matrix
and the external device is
multiplexed and presented to the
system as if it were coming from a
single source.
The DeskCoderTM is ideal for use in
low-power, low-cost and high-
reliability AT / PS/2 - compatible
keyboard designs.
Note: A version of the IC that
supports the PC/XT protocol is also
available. Contact Semtech for
more information.
• Implements all functions of a
101/102/104 keyboard
• Low-power HCMOS
microcontroller, suitable for 3-volt
battery-operated systems
• Available in DIP, PLCC and QFP
packages
• Custom versions available in small
or large quantities
• Interfaces contact switch matrix
keyboards to a BIOS-compatible
system
• Single IC desktop keyboard
encoder
• Provides interface for an external
keyboard/keypad or other 8042-
compatible devices
• AT / PS/2 - compatible
RP
KD
KC
EKC
EKD
CL
C0
C1
C2
C3
C4
R7
SL
R5
R4
R3
R2
R1
R0
C8
C9
C10
40
1
6
7
12
17
18
23
28
29
34
39
PLCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
_RESET
_IRQ
VX
NL
R6
RP
KD
KC
EKC
EKD
CL
C0
C1
C2
C3
C4
C5
C6
C7
VSS/GND
VCC
OSCI
OSCO
EKC1
R7
SL
R5
R4
R3
R2
R1
R0
C8
C9
C10
C11
C12
C13
C14
C15
DIP
R6
RP
KD
KC
EKC
EKD
CL
C0
C1
C2
C3
NL
R5
R4
R3
R2
R1
R0
C8
C9
C10
C11
1
QFP
APPLICATIONS
PIN ASSIGNMENTS


Similar Part No. - UR5HC418-FN

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR5HC703-600-FG SEMTECH-UR5HC703-600-FG Datasheet
72Kb / 8P
USAR SerialCoderTM Low-Power Keyboard Encoder interfaces RS-232
UR5HC703-600-FQ SEMTECH-UR5HC703-600-FQ Datasheet
72Kb / 8P
USAR SerialCoderTM Low-Power Keyboard Encoder interfaces RS-232
UR5HCFJ8 SEMTECH-UR5HCFJ8 Datasheet
195Kb / 16P
Low-Power Keyboard Encoder for Portable Systems
UR5HCFJ8-FB SEMTECH-UR5HCFJ8-FB Datasheet
195Kb / 16P
Low-Power Keyboard Encoder for Portable Systems
UR5HCFJ8-FN SEMTECH-UR5HCFJ8-FN Datasheet
195Kb / 16P
Low-Power Keyboard Encoder for Portable Systems
More results

Similar Description - UR5HC418-FN

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
K25C81-FB SEMTECH-K25C81-FB Datasheet
124Kb / 12P
Versatile PC/XC/AT/PS/2 Compatible Keyboard Encoder
logo
ELAN Microelectronics C...
EM83049 EMC-EM83049 Datasheet
96Kb / 17P
KEYBOARD ENCODER
EM83050H EMC-EM83050H Datasheet
116Kb / 20P
KEYBOARD ENCODER
EM83053A EMC-EM83053A Datasheet
210Kb / 24P
KEYBOARD ENCODER
EM84502 EMC-EM84502 Datasheet
85Kb / 12P
PS/2 MOUSE ENCODER
logo
Holtek Semiconductor In...
HT6542B HOLTEK-HT6542B Datasheet
305Kb / 7P
Keyboard Controller with PS/2
30th Nov 95
HT82K629A HOLTEK-HT82K629A Datasheet
168Kb / 23P
Windows 2000 USBPS/2 Keyboard Encoder
April 16, 2004
logo
ELAN Microelectronics C...
EKK8011 EMC-EKK8011 Datasheet
336Kb / 34P
USB & PS/2 Keyboard Encoder
EKK8301 EMC-EKK8301 Datasheet
566Kb / 30P
Keyboard Encoder
EKK8011AB EMC-EKK8011AB Datasheet
805Kb / 38P
USB & PS/2 Keyboard Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com