Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K629A Datasheet (PDF) - Holtek Semiconductor Inc

HT82K629A Datasheet PDF - Holtek Semiconductor Inc
Part # HT82K629A
Download  HT82K629A Download
File Size   168.61 Kbytes
Page   23 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Windows 2000 USBPS/2 Keyboard Encoder

HT82K629A Datasheet (PDF)

Go To PDF Page Download Datasheet
HT82K629A Datasheet PDF - Holtek Semiconductor Inc

Part # HT82K629A
Download  HT82K629A Click to download

File Size   168.61 Kbytes
Page   23 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Windows 2000 USBPS/2 Keyboard Encoder

HT82K629A Datasheet (HTML) - Holtek Semiconductor Inc


HT82K629A Product details

General Description

The HT82K629A can function both in USB and PS2 in terface environment. For PS2 interface, it supports IBM PC/AT, IBM PS/2 and all compatible machines and provides a 16-character first-in-first-out buffer in which datais stored. For USB interface, it can support the USB standard request as well as HID class request version 1.1.



Features

Operating voltage: 4.4V~5.5V

Operating frequency: fSYS=6M

Design for Windows 95/98/NT/2000/XP

Phantom key detection

Low voltage reset function

USB and PS2 modes supported

Auto detect USB or PS2 interface

USB 1.1 low speed function

Supports PS2 code set 1 and code set 2

Supports multimedia key

Supports ACPI key

Supports mini-keyboard with Fn key

Built-in Watchdog Timer

HALT function and wake-up feature for USB mode to reduce power consumption

40-pin DIP package




Similar Part No. - HT82K629A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K628 HOLTEK-HT82K628 Datasheet
145Kb / 18P
Windows 2000 Keyboard Encoder
April 16, 2004
HT82K628A HOLTEK-HT82K628A Datasheet
145Kb / 18P
Windows 2000 Keyboard Encoder
April 16, 2004
More results


Similar Description - HT82K629A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
K25C81-FB SEMTECH-K25C81-FB Datasheet
124Kb / 12P
Versatile PC/XC/AT/PS/2 Compatible Keyboard Encoder
UR5HC418 SEMTECH-UR5HC418 Datasheet
146Kb / 14P
AT / PS/2 - Compatible Keyboard Encoder
logo
ELAN Microelectronics C...
EM84502 EMC-EM84502 Datasheet
85Kb / 12P
PS/2 MOUSE ENCODER
logo
Holtek Semiconductor In...
HT6542B HOLTEK-HT6542B Datasheet
305Kb / 7P
Keyboard Controller with PS/2
30th Nov 95
HT82K628A HOLTEK-HT82K628A Datasheet
145Kb / 18P
Windows 2000 Keyboard Encoder
April 16, 2004
logo
ELAN Microelectronics C...
EKK8011 EMC-EKK8011 Datasheet
336Kb / 34P
USB & PS/2 Keyboard Encoder
EKK8301 EMC-EKK8301 Datasheet
566Kb / 30P
Keyboard Encoder
EKK8011AB EMC-EKK8011AB Datasheet
805Kb / 38P
USB & PS/2 Keyboard Encoder
logo
Tripp Lite. All Rights ...
B015000 TRIPPLITE-B015000 Datasheet
489Kb / 2P
USB to PS-2 Adapter for Keyboard and Mouse
logo
IOGEAR
GUC10KM IOGEAR-GUC10KM Datasheet
125Kb / 2P
USB to PS/2 Converter for Keyboard / Mouse
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com