Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K629A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT82K629A
Description  Windows 2000 USBPS/2 Keyboard Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K629A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT82K629A Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Pin Assignment
Pin Description
Pin No.
Pin Name
I/O
Description
1, 2, 11~14
19~26, 31~34
39, 40
C0~C19
O
Keyboard matrix scanning output pins
3~6, 35~38
R0~R7
I
Keyboard matrix scanning input pins
7
Fn_Sel
I
Mini-keyboard select, the function is enabled if connected to VSS.
8
NUM
O
Num lock indicator
9
CAPS
O
Caps lock indicator
10
SCROLL
O
Scroll lock indicator
15
VDD
¾
Positive power supply
16
V33O
¾
3.3V regulator output
17
USBD+/CLK
I/O
USBD- or PS2 CLK I/O line
USB or PS2 function is controlled by software control register.
18
USBD-/DATA
I/O
USBD- or PS2 DATA I/O line
USB or PS2 function is controlled by software control register.
27
VSS
¾
Negative power supply, ground
28
RESET
I
Schmitt trigger input. Active low.
29
30
OSCO
OSCI
O
I
OSCO, OSCI are connected to a 6MHz or 12MHz crystal/resonator for
the internal system clock.
Absolute Maximum Ratings
Supply Voltage ..........................VSS
-0.3V to VSS+6.0V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Operating Temperature ..............................0
°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT82K629A
Rev. 1.30
2
April 16, 2004
4 0
3 9
3 8
3 7
3 6
3 5
3 4
3 3
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
C 1 7
C 1 6
R 3
R 2
R 1
R 0
F n _ S e l
N U M
C A P S
S C R O L L
C 1 2
C 1 3
C 1 4
C 1 5
V D D
V 3 3 O
U S B D + / C L K
U S B D - / D A T A
C 0
C 1
C 1 8
C 1 9
R 4
R 5
R 6
R 7
C 1 1
C 1 0
C 9
C 8
O S C I
O S C O
R E S E T
V S S
C 7
C 6
C 5
C 4
C 3
C 2
H T 8 2 K 6 2 9 A
4 0 D I P - A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com