Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K629A Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT82K629A
Description  Windows 2000 USBPS/2 Keyboard Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K629A Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT82K629A Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 19Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
HT82K629A
Rev. 1.30
16
April 16, 2004
Key Number and Symbol
HID Page HID Code
Key Number and Symbol
HID Page HID Code
14
Keycode14 (*J)
07
89
81
End
07
4D
15
Back Space
07
2A
83
­
07
52
16
Tab
07
2B
84
¯
07
51
17
Q
07
14
85
PgUp
07
4B
18
W
07
1A
86
PgDn
07
4E
19
E
07
08
89
®
07
4F
20
R
07
15
90
Num Lock
07
53
21
T
07
17
91
7
Home
07
5F
22
Y
07
1C
92
4
¬
07
5C
23
U
07
18
93
1
End
07
59
24
I
07
0C
95
/
07
54
25
O
07
12
96
8
­
07
60
26
P
07
13
97
5
07
5D
27
{
[
07
2F
98
2
¯
07
5A
28
}
]
07
30
99
0
Ins
07
62
29
Keycode29 (*4)
07
31
100
*
07
55
30
Caps Lock
07
39
101
9
PgUp
07
61
31
A
07
04
102
6
®
07
5E
32
S
07
16
103
3
PgDn
07
5B
33
D
07
07
104
.
Del
07
63
34
F
07
09
105
-
07
56
35
G
07
0A
106
+
07
57
36
H
07
0B
107
Keycode107 (*B)
07
85
37
J
07
0D
108
Enter_R
07
58
38
K
07
0E
110
ESC
07
29
39
L
07
0F
112
F1
07
3A
40
:
;
07
33
113
F2
07
3B
41
²¢
07
34
114
F3
07
3C
42
Keycode42 (*5BJ)
07
32
115
F4
07
3D
43
Enter_L
07
28
116
F5
07
3E
44
Shift (L)
07
E1
117
F6
07
3F
45
Keycode45 (*5B)
07
64
118
F7
07
40
46
Z
07
1D
119
F8
07
41
47
X
07
1B
120
F9
07
42
48
C
07
06
121
F10
07
43
49
V
07
19
122
F11
07
44
50
B
07
05
123
F12
07
45
51
N
07
11
124
Print Screen
07
46
52
M
07
10
125
Scroll Lock
07
47
53
<
,
07
36
126
Pause
07
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com