Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K629A Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT82K629A
Description  Windows 2000 USBPS/2 Keyboard Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K629A Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT82K629A Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
HT82K629A
Windows 2000 USB+PS/2 Keyboard Encoder
Block Diagram
Rev. 1.30
1
April 16, 2004
Features
· Operating voltage: 4.4V~5.5V
· Operating frequency: f
SYS=6M
· Design for Windows 95/98/NT/2000/XP
· Phantom key detection
· Low voltage reset function
· USB and PS2 modes supported
· Auto detect USB or PS2 interface
· USB 1.1 low speed function
· Supports PS2 code set 1 and code set 2
· Supports multimedia key
· Supports ACPI key
· Supports mini-keyboard with Fn key
· Built-in Watchdog Timer
· HALT function and wake-up feature for USB mode to
reduce power consumption
· 40-pin DIP package
General Description
The HT82K629A can function both in USB and PS2 in-
terface environment. For PS2 interface, it supports IBM
PC/AT, IBM PS/2 and all compatible machines and pro-
vides a 16-character first-in-first-out buffer in which data
is stored. For USB interface, it can support the USB
standard request as well as HID class request version
1.1.
U S B
T r a n s c e i v e r
U S B
R e c e i v e r
U S B
T r a n s m i t t e r
V o l t a g e
R e g u l a t o r
C l o c k
G e n e r a t o r
R C R e s e t
R e g i s t e r S e t
U S B S e r i a l
I n t e r f a c e E n g i n e ( S I E )
& C o n t r o l L o g i c
M a i n
S t a t e M a c h i n e
S u s p e n d
C o n t r o l
H o l t e k 8 - b i t
M i c r o c o n t r o l l e r
F I F O s
U S B D + / P S 2 C L K
U S B D - / P S 2 D A T A
V 3 3 O
O S C 1
O S C 2
V D D
V S S


Similar Part No. - HT82K629A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K628 HOLTEK-HT82K628 Datasheet
145Kb / 18P
Windows 2000 Keyboard Encoder
April 16, 2004
HT82K628A HOLTEK-HT82K628A Datasheet
145Kb / 18P
Windows 2000 Keyboard Encoder
April 16, 2004
More results

Similar Description - HT82K629A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
K25C81-FB SEMTECH-K25C81-FB Datasheet
124Kb / 12P
Versatile PC/XC/AT/PS/2 Compatible Keyboard Encoder
UR5HC418 SEMTECH-UR5HC418 Datasheet
146Kb / 14P
AT / PS/2 - Compatible Keyboard Encoder
logo
ELAN Microelectronics C...
EM84502 EMC-EM84502 Datasheet
85Kb / 12P
PS/2 MOUSE ENCODER
logo
Holtek Semiconductor In...
HT6542B HOLTEK-HT6542B Datasheet
305Kb / 7P
Keyboard Controller with PS/2
30th Nov 95
HT82K628A HOLTEK-HT82K628A Datasheet
145Kb / 18P
Windows 2000 Keyboard Encoder
April 16, 2004
logo
ELAN Microelectronics C...
EKK8011 EMC-EKK8011 Datasheet
336Kb / 34P
USB & PS/2 Keyboard Encoder
EKK8301 EMC-EKK8301 Datasheet
566Kb / 30P
Keyboard Encoder
EKK8011AB EMC-EKK8011AB Datasheet
805Kb / 38P
USB & PS/2 Keyboard Encoder
logo
Tripp Lite. All Rights ...
B015000 TRIPPLITE-B015000 Datasheet
489Kb / 2P
USB to PS-2 Adapter for Keyboard and Mouse
logo
IOGEAR
GUC10KM IOGEAR-GUC10KM Datasheet
125Kb / 2P
USB to PS/2 Converter for Keyboard / Mouse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com