Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K629A Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT82K629A
Description  Windows 2000 USBPS/2 Keyboard Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K629A Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT82K629A Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 18Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 19Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 20Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 21Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 22Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 23Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Application Circuits
Note:
For single side PCB, the GND should be routed first. Avoid routing the GND line and VDD line with jumping
wires.
The GND and VDD lines should be as wide as possible, also it is recommended that the GND and VDD lines
are placed in an empty area, in order to increase their area. Wherever possible the GND plane should surround
pins such as OSCI, OSCO, VDD, V330, RESET etc and other related circuits to minimize the noise effects.
The GND/VDD loop area should be minimized. Try to keep GND and VDD lines parallel.
The external 22
W resistor and 0.01mF capacitor connected to the VDD pin should be placed as close as possi-
ble to the VDD pin.
Allow room in the layout for the 0.1
mF capacitor that is connected to the VDD pin. This capacitor should be con-
nected as close as possible to the VDD pin. The function of this capacitor is to filter out high frequency noise.
The lines connecting the OSCI and OSCO pins to the crystal must be kept as short as possible to minimize any
cross coupling of noise from these pins.
The 0.1
mF capacitor connected to the RESET pin should be placed as close as possible to the RESET pin. The
function of this capacitor is to filter out high frequency noise to minimize the possibility of a glitch on this line
causing a false reset.
The 0.1
mF capacitor connected to the V33O pin should be placed as close as possible to the V33O pin.
The USBD+ and USBD- lines to the USB connector should be kept as short as possible and should not be
placed close to the other lines to reduce the possibility of noise coupling into other lines. The externally con-
nected 1.5k
W resistor connected to the USBD- pin should be placed as close to as possible the USBD- pin.
The USB cable should preferably have proper shielding.
HT82K629A
Rev. 1.30
21
April 16, 2004
C 1 7
C 1 6
R 3
R 2
R 1
R 0
F n S e l e c t
N U M
C A P S
S C R O L L
C 1 2
C 1 3
C 1 4
C 1 5
V D D
V 3 3 O
U S B D + / C L K
U S B D - / D A T A
C 0
C 1
C 1 8
C 1 9
R 4
R 5
R 6
R 7
C 1 1
C 1 0
C 9
C 8
O S C I
O S C O
R E S E T
V S S
C 7
C 6
C 5
C 4
C 3
C 2
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
4 0
3 9
3 8
3 7
3 6
3 5
3 4
3 3
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
V D D
U S B -
U S B +
V S S
6 M H z
D 1
D 2
D 3
S c r o l l L o c k
N u m L o c k
C a p s L o c k
U S B C O N
0 . 1 m F
0 . 1 m F
3 3 p F
0 . 1 m F
0 . 1 m F
2 2 W
0 . 0 1 m F
1 0 m F
2 2 W
M C U V D D
1
2
3
4
H T 8 2 K 6 2 9 A
V D D
1 . 5 k W
M C U V D D
1 0 k W
1 0 0 k W
F n _ S e l = 1 o r f l o a t i n g : d i s a b l e s M i n i - k e y b o a r d f u n c t i o n
F n _ S e l = 0 : e n a b l e s M i n i - k e y b o a r d f u n c t i o n
2 2 W
3 3 p F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com