Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K629A Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82K629A
Description  Windows 2000 USBPS/2 Keyboard Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K629A Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82K629A Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
5V
¾
4.4
¾
5.5
V
fSYS
Operating Frequency
5V
fSYS=6MHz
5.9747
6
6.0258
MHz
ISB
Standby Current
5V
No load, system HALT
¾¾
500
mA
IOP
Operating Current
5V
No load, fSYS=6MHz
¾¾
12
mA
VV330
3.3V Regulator Output
5V
IV33O=
-5mA
3
3.3
3.6
V
Rph
Internal Pull-high Resistance
(C0~C19, R0~R7)
5V
¾
25
50
75
k
W
VIL1
Input Low Voltage for I/O Ports
5V
¾
0
¾
0.8
V
VIH1
Input High Voltage for I/O Ports
5V
¾
2
¾
5V
VIL2
Input Low Voltage (RESET)5V
¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RESET)5V
¾
0.9VDD
¾
VDD
V
IOL1
Sink Current (Fn_sel)
5V
VOL=0.4V
10
25
¾
mA
IOL2
Sink Current (R0~R7)
5V
VOL=0.4V
510
¾
mA
IOL3
Sink Current (C0~C19, NUM,
CAPS, SCROLL)
5V
VOL=0.4V
24
¾
mA
IOL4
Sink Current (C0~C19, NUM,
CAPS, SCROLL)
5V
VOL=3.4V
12
17
¾
mA
IOH1
Source Current (Fn_sel)
5V
VOH=3.4V
-8
-16
¾
mA
IOH2
Source Current (C0~C19,
R0~R7, NUM,CAPS, SCROLL)
5V
VOH=3.4V
-2
-5
¾
mA
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
VDD
Conditions
fWDT
Built-in 32kHz RC OSC for Watchdog Timer
¾¾
¾
32
¾
kHz
HT82K629A
Rev. 1.30
3
April 16, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com