Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD810 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BD810
Description  Plastic High Power Silicon Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD810 Datasheet(HTML) 1 Page - ON Semiconductor

  BD810 Datasheet HTML 1Page - ON Semiconductor BD810 Datasheet HTML 2Page - ON Semiconductor BD810 Datasheet HTML 3Page - ON Semiconductor BD810 Datasheet HTML 4Page - ON Semiconductor BD810 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2007
November, 2007 - Rev. 4
1
Publication Order Number:
BD809/D
BD809 (NPN), BD810 (PNP)
Plastic High Power
Silicon Transistor
These devices are designed for use in high power audio amplifiers
utilizing complementary or quasi complementary circuits.
Features
• DC Current Gain - hFE = 30 (Min) @ IC = 2.0 Adc
• Pb-Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
80
Vdc
Collector-Base Voltage
VCBO
80
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
10
Adc
Base Current
IB
6.0
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
90
720
W
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
-55 to +150
°C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max
Unit
Thermal Resistance, Junction-to-Case
qJC
1.39
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb-Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
10 AMPERE
POWER TRANSISTORS
80 VOLTS
90 WATTS
TO-220AB
CASE 221A-09
STYLE 1
1
http://onsemi.com
MARKING DIAGRAM
BD8xx
=
Device Code
x = 09 or 10
A
=
Assembly Location
Y
=
Year
WW
=
Work Week
G
=
Pb-Free Package
2
3
BD8xxG
AY WW
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION


Similar Part No. - BD810

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD810 ONSEMI-BD810 Datasheet
49Kb / 8P
POWER TRANSISTORS PNP SILICON
April, 2002 ??Rev. 1
logo
Savantic, Inc.
BD810 SAVANTIC-BD810 Datasheet
91Kb / 3P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
BD810 JMNIC-BD810 Datasheet
127Kb / 1P
Silicon PNP Transistors
logo
Inchange Semiconductor ...
BD810 ISC-BD810 Datasheet
132Kb / 3P
Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
BD810 NJSEMI-BD810 Datasheet
127Kb / 2P
Silicon PNP Power Transistor
More results

Similar Description - BD810

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD801 MOTOROLA-BD801 Datasheet
93Kb / 4P
Plastic High Power Silicon NPN Transistor
BD802 MOTOROLA-BD802 Datasheet
94Kb / 4P
Plastic High Power Silicon PNP Transistor
BD808 MOTOROLA-BD808 Datasheet
104Kb / 4P
Plastic High Power Silicon PNP Transistor
logo
ON Semiconductor
2N5655 ONSEMI-2N5655 Datasheet
89Kb / 4P
Plastic NPN Silicon High-Voltage Power Transistor
April, 2002 ??Rev. 7
2N5655 ONSEMI-2N5655_06 Datasheet
80Kb / 5P
Plastic NPN Silicon High?뭋oltage Power Transistor
October, 2006 ??Rev. 9
logo
Usha India Ltd.
2SD880Y USHA-2SD880Y Datasheet
50Kb / 2P
SILICON PLASTIC POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N5655 NJSEMI-2N5655 Datasheet
129Kb / 1P
PLASTIC NPN SILICON HIGH-VOLTAGE POWER TRANSISTOR
logo
Continental Device Indi...
CSC3619 CDIL-CSC3619 Datasheet
250Kb / 2P
NPN SILICON PLASTIC POWER TRANSISTOR
logo
ON Semiconductor
BD802 ONSEMI-BD802 Datasheet
46Kb / 4P
Plastic High Power Silicon PNP Transistor
March, 2001 ??Rev. 9
BD808 ONSEMI-BD808 Datasheet
49Kb / 4P
Plastic High Power Silicon PNP Transistor
January, 2001 ??Rev. 8
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com