Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045ST Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBR3045ST
Description  SWITCHMODE??Power Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR3045ST Datasheet(HTML) 1 Page - ON Semiconductor

  MBR3045ST Datasheet HTML 1Page - ON Semiconductor MBR3045ST Datasheet HTML 2Page - ON Semiconductor MBR3045ST Datasheet HTML 3Page - ON Semiconductor MBR3045ST Datasheet HTML 4Page - ON Semiconductor MBR3045ST Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2011
January, 2011 − Rev. 8
1
Publication Order Number:
MBR3045ST/D
MBR3045ST,
MBRB3045CT-1
SWITCHMODE™
Power Rectifier
Features and Benefits
• Dual Diode Construction — Terminals 1 and 3 May Be Connected
for Parallel Operation at Full Rating
• 45 V Blocking Voltage
• Low Forward Voltage Drop
• 175°C Operating Junction Temperature
• Pb−Free Packages are Available
Applications
• Power Supply − Output Rectification
• Power Management
• Instrumentation
Mechanical Characteristics
• Case: Epoxy, Molded
• Weight (Approximately): 1.9 Grams (TO−220AB)
1.5 Grams (TO−262)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
• Epoxy Meets UL 94 V−0 @ 0.125 in
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
45
V
Average Rectified Current
Per Device
(TC = 130°C)
Per Diode
IF(AV)
30
15
A
Peak Repetitive Forward Current, per Diode
(Square Wave, VR = 45 V, 20 kHz)
IFRM
30
A
Non−Repetitive Peak Surge Current (Surge
Applied at Rated Load Conditions,
Halfwave, Single Phase, 60 Hz)
IFSM
150
A
Peak Repetitive Reverse Current, per Diode
(2.0 ms, 1.0 kHz)
IRRM
2.0
A
Storage Temperature Range
Tstg
−65 to
+175
°C
Operating Junction Temperature (Note 1)
TJ
−65 to
+175
°C
Peak Surge Junction Temperature
(Forward Current Applied)
TJ(pk)
175
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/ms
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. The heat generated must be less than the thermal conductivity from
Junction−to−Ambient: dPD/dTJ < 1/RqJA.
http://onsemi.com
TO−220AB
CASE 221A
STYLE 6
3
4
1
SCHOTTKY BARRIER
RECTIFIER
30 AMPERES
45 VOLTS
3
1
2, 4
2
AYWW
B3045G
AKA
MARKING
DIAGRAMS
A
= Assembly Location
Y
= Year
WW
= Work Week
AKA
= Polarity Designator
G
= Pb−Free Device
I2PAK (TO−262)
CASE 418D
PLASTIC
AYWW
B3045CTG
AKA
3
4
1 2
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MBR3045ST

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR3045ST MOTOROLA-MBR3045ST Datasheet
50Kb / 2P
SWITCHMODE??Power Rectifier
logo
Microsemi Corporation
MBR3045ST MICROSEMI-MBR3045ST Datasheet
131Kb / 2P
30 AMP SCHOTTKY BARRIER RECTIFIER
logo
ON Semiconductor
MBR3045ST ONSEMI-MBR3045ST Datasheet
132Kb / 5P
SWITCHMODE??Power Rectifier
May, 2008 ??Rev. 7
logo
Pan Jit International I...
MBR3045ST PANJIT-MBR3045ST Datasheet
52Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
ON Semiconductor
MBR3045ST ONSEMI-MBR3045ST Datasheet
94Kb / 5P
Switch?릑ode Power Rectifier
September, 2014 ??Rev. 9
More results

Similar Description - MBR3045ST

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR220 ONSEMI-MUR220 Datasheet
52Kb / 6P
SWITCHMODE Power Rectifier
April, 2003 - Rev. 4
MBR3045PT ONSEMI-MBR3045PT Datasheet
64Kb / 4P
SWITCHMODE Power Rectifier
February, 2006 ??Rev. 3
MBR16100CT ONSEMI-MBR16100CT Datasheet
124Kb / 5P
SWITCHMODE Power Rectifier
May, 2008 ??Rev. 5
MBRB3030CTL ONSEMI-MBRB3030CTL Datasheet
91Kb / 8P
SWITCHMODE Power Rectifier
August, 2005 ??Rev. 6
MBR7030WT ONSEMI-MBR7030WT_10 Datasheet
123Kb / 4P
SWITCHMODE Power Rectifier
March, 2010 ??Rev. 3
MBRD835L ONSEMI-MBRD835L_10 Datasheet
113Kb / 5P
SWITCHMODE Power Rectifier
July, 2010 ??Rev. 9
MURF1660CT ONSEMI-MURF1660CT_07 Datasheet
83Kb / 4P
SWITCHMODE Power Rectifier
June, 2007 - Rev. 5
MURD620CT ONSEMI-MURD620CT_11 Datasheet
101Kb / 4P
SWITCHMODE Power Rectifier
January, 2011 ??Rev. 9
NRVBB4030T4G ONSEMI-NRVBB4030T4G Datasheet
144Kb / 6P
SWITCHMODE Power Rectifier
January, 2012 ??Rev. 7
MBRB30H60CT-1G ONSEMI-MBRB30H60CT-1G_12 Datasheet
170Kb / 10P
SWITCHMODE Power Rectifier
January, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com