Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045ST Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR3045ST
Description  SWITCHMODE??Power Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR3045ST Datasheet(HTML) 2 Page - ON Semiconductor

  MBR3045ST Datasheet HTML 1Page - ON Semiconductor MBR3045ST Datasheet HTML 2Page - ON Semiconductor MBR3045ST Datasheet HTML 3Page - ON Semiconductor MBR3045ST Datasheet HTML 4Page - ON Semiconductor MBR3045ST Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBR3045ST, MBRB3045CT−1
http://onsemi.com
2
THERMAL CHARACTERISTICS (Per Diode)
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Case
RθJC
1.5
°C/W
ELECTRICAL CHARACTERISTICS (Per Diode)
Instantaneous Forward Voltage (Note 2)
(iF = 15 Amp, TC = 25°C)
(iF = 15 Amp, TC = 125°C)
(iF = 30 Amp, TC = 25°C)
(iF = 30 Amp, TC = 125°C)
vF
0.62
0.57
0.76
0.72
Volts
Instantaneous Reverse Current (Note 2)
(VR = 45 Volts, TC = 25°C)
(VR = 45 Volts, TC = 125°C)
IR
0.2
40
mA
2 Pulse Test: Pulse Width = 300 μs, Duty Cycle ≤ 2.0%
Figure 1. Typical Forward Voltage
Figure 2. Maximum Reverse Current
0.6
0
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
1000
10
VR, REVERSE VOLTAGE (VOLTS)
0
0.2
0.04
0.02
0.002
1.0
0.2
0.4
0.8
10
20
30
40
0.1
0.4
1.0
0.1
1.0
50
4.0
2.0
10
20
100
40
200
TJ = 125°C
150°C
25°C
TJ = 150°C
125°C
100°C
100
0.01
0.004
25°C
75°C
1.6
1.2
1.4
1.8
Figure 3. Typical Reverse Current
0.6
0
vF, MAXIMUM FORWARD VOLTAGE (VOLTS)
1000
10
1.0
0.2
0.4
0.8
0.1
1.0
TJ = 125°C
150°C
25°C
100
1.6
1.2
1.4
1.8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com