Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF2045CT Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRF2045CT
Description  SWITCHMODE Power Rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRF2045CT Datasheet(HTML) 2 Page - ON Semiconductor

  MBRF2045CT Datasheet HTML 1Page - ON Semiconductor MBRF2045CT Datasheet HTML 2Page - ON Semiconductor MBRF2045CT Datasheet HTML 3Page - ON Semiconductor MBRF2045CT Datasheet HTML 4Page - ON Semiconductor MBRF2045CT Datasheet HTML 5Page - ON Semiconductor MBRF2045CT Datasheet HTML 6Page - ON Semiconductor MBRF2045CT Datasheet HTML 7Page - ON Semiconductor MBRF2045CT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MBR2045CT, MBRF2045CT
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
45
V
Average Rectified Forward Current
Per Device
Per Diode (TC = 165°C)
IF(AV)
20
10
A
Peak Repetitive Forward Current
per Diode Leg (Square Wave, 20 kHz, TC = 163°C)
IFRM
20
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz)
IFSM
150
A
Peak Repetitive Reverse Surge Current (2.0 ms, 1.0 kHz)
See Figure 13
IRRM
1.0
A
Storage Temperature Range
Tstg
−65 to +175
°C
Operating Junction Temperature (Note 1)
TJ
−65 to +175
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/ms
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Thermal Resistance
(MBR2045CT)
− Junction−to−Case
− Junction−to−Ambient
(MBRF2045CT)
− Junction−to−Case
− Junction−to−Ambient
RqJC
RqJA
RqJC
RqJA
2.0
60
4.75
75
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Instantaneous Forward Voltage (Note 2)
(iF = 10 Amps, TJ = 125°C)
(iF = 20 Amps, TJ = 125°C)
(iF = 20 Amps, TJ = 25°C)
vF
−
−
−
0.50
0.67
0.71
0.57
0.72
0.84
V
Instantaneous Reverse Current (Note 2)
(Rated dc Voltage, TJ = 125°C)
(Rated dc Voltage, TJ = 25°C)
iR
−
−
10.4
0.02
15
0.1
mA
2. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.
DEVICE ORDERING INFORMATION
Device Order Number
Package Type
Shipping†
MBR2045CT
TO−220
50 Units / Rail
MBR2045CTG
TO−220
(Pb−Free)
50 Units / Rail
MBRF2045CTG
TO−220FP
(Pb−Free)
50 Units / Rail



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com