Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF2045CT Datasheet(PDF) 4 Page - ON Semiconductor

Part # MBRF2045CT
Description  SWITCHMODE Power Rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRF2045CT Datasheet(HTML) 4 Page - ON Semiconductor

  MBRF2045CT Datasheet HTML 1Page - ON Semiconductor MBRF2045CT Datasheet HTML 2Page - ON Semiconductor MBRF2045CT Datasheet HTML 3Page - ON Semiconductor MBRF2045CT Datasheet HTML 4Page - ON Semiconductor MBRF2045CT Datasheet HTML 5Page - ON Semiconductor MBRF2045CT Datasheet HTML 6Page - ON Semiconductor MBRF2045CT Datasheet HTML 7Page - ON Semiconductor MBRF2045CT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MBR2045CT, MBRF2045CT
http://onsemi.com
4
5.0
15
0
VR, REVERSE VOLTAGE (VOLTS)
10
1.0
0.1
0.01
0.001
10
20
30
25
100
35
40
50
45
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
TJ = 150°C
125
°C
100
°C
75
°C
25
°C
5.0
15
0
VR, REVERSE VOLTAGE (VOLTS)
10
1.0
0.1
0.01
0.0001
10
20
30
25
100
35
40
50
45
TJ = 150°C
125
°C
100
°C
25
°C
140
TC, CASE TEMPERATURE (°C)
10
8.0
6.0
2.0
0
145
150
155
18
160
165
Figure 5. Maximum Surge Capability
Figure 6. Current Derating, Case, Per Leg
4
0
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
16
10
8
4
0
8
12
20
16
28
24
30
28
Figure 7. Current Derating, Ambient, Per Leg
Figure 8. Forward Power Dissipation
16
14
12
6
2
18
14
12
dc
TJ = 175°C
SQUARE
WAVE
dc
SQUARE
WAVE
NUMBER OF CYCLES AT 60 Hz
10
1.0
200
100
50
30
20
3.0
2.0
100
70
7.0
5.0
30
20
70
50
0.001
4.0
TA, AMBIENT TEMPERATURE (°C)
25
0
12
8.0
4.0
0
50
75
175
dc
14
10
6.0
2.0
100
125
SQUARE WAVE
dc
RqJA = 16°C/W
(With TO-220 Heat Sink)
RqJA = 60°C/W
(No Heat Sink)
150
16
18
20
170
175
180
20
22
24
26
2
6
10
18
14
22
26



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com