Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ11021 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJ11021
Description  Complementary Darlington Silicon Power Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ11021 Datasheet(HTML) 3 Page - ON Semiconductor

  MJ11021 Datasheet HTML 1Page - ON Semiconductor MJ11021 Datasheet HTML 2Page - ON Semiconductor MJ11021 Datasheet HTML 3Page - ON Semiconductor MJ11021 Datasheet HTML 4Page - ON Semiconductor MJ11021 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MJ11021(PNP)
MJ11022 (NPN)
http://onsemi.com
3
t, TIME (ms)
1.0
0.01
0.01
0.1
1.0
1.0
100
RqJC(t) = r(t) RqJC
RqJC(t) = 0.86°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) RqJC(t)
P(pk)
t1
t2
SINGLE PULSE
1000
D = 0.5
0.2
0.05
DUTY CYCLE, D = t1/t2
Figure 3. Thermal Response
0.05
0.03
0.02
0.07
0.5
0.3
0.2
0.7
0.02
0.03 0.05
0.2
0.3 0.5
2.0
3.0 5.0
200 300
500
10
20
30
50
0.1
0.02
0.01
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
5.0
10
20
200
3.0
50
100
Figure 4. Maximum Rated Forward Bias Safe
Operating Area (FBSOA)
0.3
0.2
0
0.5
7.0
30
70
150
dc
0.1 ms
3.0
2.0
1.0
5.0
30
20
10
TJ = 175°C
SECOND BREAKDOWN LIMIT
BONDING WIRE LIMIT
THERMAL LIMITATION @ TC = 25°C
SINGLE PULSE
0.5ms
1.0ms
5.0ms
FORWARD BIAS
There are two limitations on the power handling ability of
a transistor average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation, i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 4 is based on TJ(pk) = 175_C, TC is
variable dependIng on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 175_C. TJ(pk) may be calculated from the data in
Figure 3. At high case temperatures thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.
20
100
140
260
0
180
220
60
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
20
0
Figure 5. Maximum RBSOA, Reverse Bias Safe
Operating Area
10
30
L = 200
mH
IC/IB1 ≥ 50
TC = 25°C
VBE(off) 0 - 5.0 V
RBE = 47 W
DUTY CYLE = 10%
REVERSE BIAS
For inductive loads, high voltage and high current must be
sustained simultaneously during turn−off, in most cases,
with the base to emitter junction reverse biased. Under these
conditions the collector voltage must be hold to a safe level
at or below a specific value of collector current. This can be
accomplished by several means such as active clamping, RC
snubbing, load line shaping, etc. The safe level for these
devices is specified as Reverse Bias Safe Operating Area
and represents the voltage−current conditions during
reverse biased turn−off. This rating is verified under
clamped conditions so that the device is never subjected to
an avalanche mode. Figure 5 gives ROSOA characteristics.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com