Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ11021 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJ11021
Description  Complementary Darlington Silicon Power Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ11021 Datasheet(HTML) 4 Page - ON Semiconductor

  MJ11021 Datasheet HTML 1Page - ON Semiconductor MJ11021 Datasheet HTML 2Page - ON Semiconductor MJ11021 Datasheet HTML 3Page - ON Semiconductor MJ11021 Datasheet HTML 4Page - ON Semiconductor MJ11021 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MJ11021(PNP)
MJ11022 (NPN)
http://onsemi.com
4
COLLECTOR CURRENT (AMPS)
4.0
0.1
3.0
2.5
1.5
3.5
2.0
1.0
0.5
0.7 1.0
2.0 3.0 5.0
10
7.0
50
30
20
70
4.0
3.0
2.5
1.5
3.5
2.0
1.0
0.5
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
Figure 6. DC Current Gain
Figure 7. Collector Saturation Region
IB, BASE CURRENT (mA)
7000
5000
10,000
0.3
0.5
1.0
20
0.2
3000
2000
1000
700
500
300
200
0.7
COLLECTOR CURRENT (AMPS)
Figure 8. “On” Voltages
VBE(sat) @ IC/IB = 100
VCE = 5.0 Vdc
100
3.0
5.0
10
7.0
15
2.0
20,000
10,000
30,000
2000
1000
700
500
300
TJ = 25°C
TJ = 150°C
TJ = - 55°C
7000
5000
3000
4.0
0.5
IB, BASE CURRENT (mA)
500
3.0
2.5
1.5
3.5
2.0
1.0
0.5
300
200
0.7 1.0
2.0 3.0 5.0
10
7.0
50
30
20
100
70
IC = 5.0 A
TJ = 25°C
IC = 15 A
0.2 0.3 0.5
TJ = 25°C
VBE @ VCE = 5.0 V
VCE(sat) @ IC/IB = 100
PNP
NPN
PNP
NPN
PNP
NPN
0.3
0.5
1.0
20
0.2
0.7
3.0
5.0
10
7.0
15
2.0
VCE = 5.0 Vdc
TJ = 150°C
TJ = 25°C
TJ = - 55°C
IC = 10 A
4.0
0.5
500
3.0
2.5
1.5
3.5
2.0
1.0
0.5
300
200
0.7 1.0
2.0 3.0 5.0
10
7.0
50
30
20
100
70
TJ = 25°C
IC = 5.0 A
IC = 15 A
IC = 10 A
0.1
0.7 1.0
2.0 3.0 5.0
10
7.0
50
30
20
0.2 0.3 0.5
TJ = 25°C
VBE(sat) @ IC/IB = 100
VBE @ VCE = 5.0 V
VCE(sat) @ IC/IB = 100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com