Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6EJM1 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 6EJM1
Description  Cost-effective Medium Performance Power Inlet Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6EJM1 Datasheet(HTML) 7 Page - Tyco Electronics

  6EJM1 Datasheet HTML 1Page - Tyco Electronics 6EJM1 Datasheet HTML 2Page - Tyco Electronics 6EJM1 Datasheet HTML 3Page - Tyco Electronics 6EJM1 Datasheet HTML 4Page - Tyco Electronics 6EJM1 Datasheet HTML 5Page - Tyco Electronics 6EJM1 Datasheet HTML 6Page - Tyco Electronics 6EJM1 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Cost-effective Medium Performance Power Inlet Filter (continued)
3
159
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Minimum Insertion Loss
Common Mode / Asymmetrical (Line to Ground)
Measured in closed 50 Ohm system
 
  

    
  
 

        

       

    


    

  


    
 

        


      

    


    



    
Differential Mode / Symmetrical (Line to Line)
 
  

      

 


      

      

      

      

      

      
 

       


      


    


    



    

 
  

 
      

       

      

      

  

  


   
 
  

 
      

        

        

        

       

        
EEJ Series Including the EJH/EJHS, EJM/EJMS and EJS Models
EJM & EJMS Models
EJMS1
EJM1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com