Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6EJM1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 6EJM1
Description  Cost-effective Medium Performance Power Inlet Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6EJM1 Datasheet(HTML) 2 Page - Tyco Electronics

  6EJM1 Datasheet HTML 1Page - Tyco Electronics 6EJM1 Datasheet HTML 2Page - Tyco Electronics 6EJM1 Datasheet HTML 3Page - Tyco Electronics 6EJM1 Datasheet HTML 4Page - Tyco Electronics 6EJM1 Datasheet HTML 5Page - Tyco Electronics 6EJM1 Datasheet HTML 6Page - Tyco Electronics 6EJM1 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
154
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
EEJ Series Including the EJH/EJHS, EJM/EJMS and EJS Models
Cost-effective Medium Performance Power Inlet Filter (continued)
Available Part Numbers
EEJ Models
EJH Models
1EEJ1
1EJH1
1EEJ2
1EJH2
1EEJP
1EJHP
1EEJ8
1EJH8
3EEJ1
3EJH1
3EEJ2
3EJH2
3EEJP
3EJHP
3EEJ8
3EJH8
6EEJ1
6EJH1
6EEJ2
6EJH2
6EEJP
6EJHP
6EEJ8
6EJH8
10EEJ1
10EJH1
10EEJ2
10EJH2
10EEJP
10EJHP
10EEJ8
10EJH8
15EEJ1
15EJH1
15EEJ2
15EJH2
15EEJP
15EJHP
15EEJ8
15EJH8
20EEJ1
20EJH1
20EEJ8
20EJH8
EJS Models
EJHS Models
1EJS1
1EJHS1
1EJS8
1EJHS8
3EJS1
3EJHS1
3EJS8
3EJHS8
6EJS1
6EJHS1
6EJS8
6EJHS8
10EJS1
10EJHS1
10EJS8
10EJHS8
15EJS1
15EJHS1
15EJS8
15EJHS8
20EJS1
20EJS8
EJM Models
EJMS Models
1EJM1
1EJMS1
1EJM8
1EJMS8
3EJM1
3EJMS1
3EJM8
3EJMS8
6EJM1
6EJMS1
6EJM8
6EJMS8
10EJM1
10EJMS1
10EJM8
10EJMS8
15EJM1
15EJMS1
15EJM8
15EJMS8
Ordering Information
3 EEJ 1
Output Styles
1 – .250 [6.3] spade terminals
(back)
2 – .250 [6.3] spade terminals
(bottom)
P – PC board pins
8 – Wire leads
Series
EEJ – Enhanced EMI Inlet Filter
EJS – EEJ in Snap-in Mounting
EJH – Enhanced Medical Inlet Filter
EJHS – EJH in Snap–in Mounting
EJM – Extended Performance
Medical Inlet Filter
EJMS – EJM in Snap-in Mounting
Current Rating
1, 3, 6, 10, 15 or 20A
GA400: NEMA 5-15P to IEC 60320-1 C-13 line cord
Accessories
FA601: Insulating Shroud
Dia.
.413
10.5
Dia.
.271
6.9
1.39
35.4
.118
3.0
1.17
29.7
.767
19.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com