Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS154MS Datasheet(PDF) 3 Page - Intersil Corporation

Part # HCS154MS
Description  Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS154MS Datasheet(HTML) 3 Page - Intersil Corporation

  HCS154MS Datasheet HTML 1Page - Intersil Corporation HCS154MS Datasheet HTML 2Page - Intersil Corporation HCS154MS Datasheet HTML 3Page - Intersil Corporation HCS154MS Datasheet HTML 4Page - Intersil Corporation HCS154MS Datasheet HTML 5Page - Intersil Corporation HCS154MS Datasheet HTML 6Page - Intersil Corporation HCS154MS Datasheet HTML 7Page - Intersil Corporation HCS154MS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FN2479.3
January 6, 2011
Absolute Maximum Ratings
Reliability Information
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . -0.5V to +7.0V
Input Voltage Range, All Inputs . . . . . . . -0.5V to VCC +0.5V
DC Input Current, Any One Input . . . . . . . . . . . . . . . . . . . . . ±10mA
DC Drain Current, Any One Output. . . . . . . . . . . . . . . . . . . . ±25mA
(All Voltage Reference to the VSS Terminal)
Storage Temperature Range (TSTG) . . . . . . -65°C to +150°C
Lead Temperature (Soldering 10sec) . . . . . . . . . . . +265°C
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . +175°C
ESD Classification. . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Thermal Resistance
θJA
θJC
SBDIP Package . . . . . . . . . . . . . . 63°C/W
23°C/W
Ceramic Flatpack Package . . . . . . . 87°C/W
23°C/W
Maximum Package Power Dissipation at +125oC Ambient
SBDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . 0.79W
Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . 0.57W
If device power exceeds package dissipation capability,
provide heat sinking or derate linearly at the following rate:
SBDIP Package . . . . . . . . . . . . . . . . . . . . . . 15.9mW/°C
Ceramic Flatpack Package . . . . . . . . . . . . . . . 11.5mW/°C
Operating Conditions
Supply Voltage . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Input Rise and Fall Times at 4.5V VCC (TR, TF) . . . . . 100ns
MaxOperating Temperature Range (TA) . . . -55°C to +125°C
Input Low Voltage (VIL). . . . . . . . . . . . 0.0V to 30% of VCC
Input High Voltage (VIH) . . . . . . . . . . . . 70% of VCC to VCC
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
DC Electrical Specifications
SYMBOL
PARAMETERS
CONDITIONS
(Note 1)
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN MAX
ICC
Quiescent Current
VCC = 5.5V,
VIN = VCC or GND
1
+25°C
-
40
µA
2, 3
+125°C, -55°C
-
750
µA
IOL
Output Current
(Sink)
VCC = 4.5V, VIH = 4.5V,
VOUT = 0.4V, VIL = 0V
1
+25°C
4.8
-
mA
2, 3
+125°C, -55°C
4.0
-
mA
IOH
Output Current
(Source)
VCC = 4.5V, VIH = 4.5V,
VOUT = VCC -0.4V,
VIL = 0V
1
+25°C
-4.8
-
mA
2, 3
+125°C, -55°C
-4.0
-
mA
VOL
Output Voltage Low VCC = 4.5V, VIH = 3.15V,
IOL = 50μA, VIL = 1.35V
1, 2, 3
+25°C, +125°C, -55°C
-
0.1
V
VCC = 5.5V, VIH = 3.85V,
IOL = 50μA, VIL = 1.65V
1, 2, 3
+25°C, +125°C, -55°C
-
0.1
V
VOH
Output Voltage
High
VCC = 4.5V, VIH = 3.15V,
IOH = -50μA, VIL = 1.35V
1, 2, 3
+25°C, +125°C, -55°C VCC
-0.1
-V
VCC = 5.5V, VIH = 3.85V,
IOH = -50μA, VIL = 1.65V
1, 2, 3
+25°C, +125°C, -55°C VCC
-0.1
-V
IIN
Input Leakage
Current
VCC = 5.5V, VIN = VCC or
GND
1
+25°C
-
±0.5
µA
2, 3
+125°C, -55°C
-
±5.0
µA
FN
Noise Immunity
Functional Test
VCC = 4.5V,
VIH = 0.70(VCC), (Note 2)
VIL = 0.30(VCC)
7, 8A, 8B
+25°C, +125°C, -55°C
-
-
-
NOTES:
1. All voltages reference to device GND.
2. For functional tests, VO ≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
HCS154MS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com