Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS154MS Datasheet(PDF) 1 Page - Intersil Corporation

Part # HCS154MS
Description  Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS154MS Datasheet(HTML) 1 Page - Intersil Corporation

  HCS154MS Datasheet HTML 1Page - Intersil Corporation HCS154MS Datasheet HTML 2Page - Intersil Corporation HCS154MS Datasheet HTML 3Page - Intersil Corporation HCS154MS Datasheet HTML 4Page - Intersil Corporation HCS154MS Datasheet HTML 5Page - Intersil Corporation HCS154MS Datasheet HTML 6Page - Intersil Corporation HCS154MS Datasheet HTML 7Page - Intersil Corporation HCS154MS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Radiation Hardened 4 to 16 Line
Decoder/Demultiplexer
HCS154MS
The Intersil HCS154MS is a Radiation Hardened 4 to 16
line Decoder/Demultiplexer with two enable inputs. A
high on either enable input forces the output to a high
state. The Demultiplexing function is performed by using
the four input lines A0 to A3 to select the desired output
states.
The HCS154MS utilizes advanced CMOS/SOS technology
to achieve high-speed operation. This device is a
member of radiation hardened, high-speed, CMOS/SOS
Logic Family.
The HCS154MS is supplied in a 24 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).
Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200k RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9
Errors/Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 Rads (Si)/s
• Dose Rate Upset >1010 RAD(Si)/s 20ns Pulse
• Cosmic Ray Upset Immunity < 2 x 10-9 Errors/Gate Day
(Typ)
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current Levels Ii ≤ 5µA at VOL, VOH
Pin Configurations
24 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T24
TOP VIEW
24 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP4-F24
TOP VIEW
GND
VCC
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9
Y10
Y11
Y12
Y13
Y14
Y15
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
A0
A1
A2
A3
E1
E2
24
23
22
21
20
19
18
17
16
15
14
13
2
3
4
5
6
7
8
9
10
11
12
1
GND
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9
Y10
VCC
Y11
Y12
Y13
Y14
Y15
A0
A1
A2
A3
E1
E2
Ordering Information
ORDERING
NUMBER
INTERNAL
MKT. NUMBER
PART
MARKING
TEMP. RANGE
(°C)
SCREENING
LEVEL
PACKAGE
PKG.
DWG. #
5962R9572901VJC HCS154DMSR
Q 5962R95 72901VJC -55oC to +125oC Intersil Class S
Equivalent
24 Ld SBDIP
D24.6
5962R9572901VXC HCS154KMSR
Q 5962R95 72901VXC -55oC to +125oC Intersil Class S
Equivalent
24 Ld Ceramic Flatpack K24.A
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 1995, 2011. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
January 6, 2011
FN2479.3


Similar Part No. - HCS154MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS154MS INTERSIL-HCS154MS Datasheet
192Kb / 9P
Radiation Hardened 4-to-16 Line Decoder/Demultiplexer
September 1995
logo
Renesas Technology Corp
HCS154MS RENESAS-HCS154MS Datasheet
578Kb / 8P
Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
January 6, 2011
More results

Similar Description - HCS154MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS139MS INTERSIL-ACS139MS Datasheet
38Kb / 2P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
November 1997
HCS139MS INTERSIL-HCS139MS Datasheet
171Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
HCS154MS INTERSIL-HCS154MS Datasheet
192Kb / 9P
Radiation Hardened 4-to-16 Line Decoder/Demultiplexer
September 1995
HCTS139MS INTERSIL-HCTS139MS Datasheet
160Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
HS-54C138RH INTERSIL-HS-54C138RH Datasheet
38Kb / 6P
Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
1996 02
HS-54C138RH INTERSIL-HS-54C138RH_00 Datasheet
537Kb / 4P
Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
August 2000
logo
Renesas Technology Corp
HCS138MS RENESAS-HCS138MS Datasheet
478Kb / 11P
Radiation Hardened Inverting3-to-8 Line Decoder/Demultiplexer
Feb 24, 2022
HCS139MS RENESAS-HCS139MS Datasheet
516Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
September 1995
HCS154MS RENESAS-HCS154MS Datasheet
578Kb / 8P
Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
January 6, 2011
HCTS139MS RENESAS-HCTS139MS Datasheet
834Kb / 9P
Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
Jan 13, 2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com