Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS138MS Datasheet (PDF) - Renesas Technology Corp

HCS138MS Datasheet PDF - Renesas Technology Corp
Part # HCS138MS
Download  HCS138MS Download
File Size   478.31 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Inverting3-to-8 Line Decoder/Demultiplexer

HCS138MS Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS138MS Datasheet PDF - Renesas Technology Corp

Part # HCS138MS
Download  HCS138MS Click to download

File Size   478.31 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Inverting3-to-8 Line Decoder/Demultiplexer

HCS138MS Datasheet (HTML) - Renesas Technology Corp


HCS138MS Product details

Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-
Day (Typ)
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
- Standard Outputs - 10 LSTTL Loads
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 0.3 VCC Max
- VIH = 0.7 VCC Min
• Input Current Levels Ii  5A at VOL, VOH




Similar Part No. - HCS138MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS138MS INTERSIL-HCS138MS Datasheet
153Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
August 1995
HCS138MS INTERSIL-HCS138MS Datasheet
306Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
HCS138MS INTERSIL-HCS138MS_05 Datasheet
306Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
More results


Similar Description - HCS138MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS138MS INTERSIL-ACS138MS Datasheet
48Kb / 2P
Radiation Hardened 3-to-8 Line Decoder/Demultiplexer
December 1997
HCS138T INTERSIL-HCS138T Datasheet
158Kb / 3P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
July 1999
HCTS138MS INTERSIL-HCTS138MS Datasheet
154Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
August 1995
HS-54C138RH INTERSIL-HS-54C138RH Datasheet
38Kb / 6P
Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
1996 02
HTCS138MS INTERSIL-HTCS138MS Datasheet
308Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
HCTS138MS INTERSIL-HCTS138MS_05 Datasheet
308Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
HCS138MS INTERSIL-HCS138MS_05 Datasheet
306Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
HS-54C138RH INTERSIL-HS-54C138RH_00 Datasheet
537Kb / 4P
Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
August 2000
logo
Renesas Technology Corp
ACS138MS RENESAS-ACS138MS Datasheet
186Kb / 2P
Radiation Hardened 3-to-8 Line Decoder/Demultiplexer
December 1997
HCTS138MS RENESAS-HCTS138MS Datasheet
442Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com