Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS138MS Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HCS138MS
Description  Radiation Hardened Inverting3-to-8 Line Decoder/Demultiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS138MS Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HCS138MS Datasheet HTML 2Page - Renesas Technology Corp HCS138MS Datasheet HTML 3Page - Renesas Technology Corp HCS138MS Datasheet HTML 4Page - Renesas Technology Corp HCS138MS Datasheet HTML 5Page - Renesas Technology Corp HCS138MS Datasheet HTML 6Page - Renesas Technology Corp HCS138MS Datasheet HTML 7Page - Renesas Technology Corp HCS138MS Datasheet HTML 8Page - Renesas Technology Corp HCS138MS Datasheet HTML 9Page - Renesas Technology Corp HCS138MS Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HCS138MS
FN2473 Rev 3.01
Page 6 of 10
Feb 24, 2022
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE GROUPS
METHOD
TEST
READ AND RECORD
PRE RAD
POST RAD
PRE RAD
POST RAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4 (Note 1)
NOTE:
1. Except FN test which will be performed 100% Go/No-Go.
TABLE 8. STATIC AND DYNAMIC BURN-IN TEST CONNECTIONS
OPEN
GROUND
1/2 VCC = 3V
 0.5V
VCC = 6V
 0.5V
OSCILLATOR
50kHz
25kHz
STATIC BURN-IN I TEST CONNECTIONS (Note 1)
7, 9 - 15
1 - 6, 8
16
STATIC BURN-IN II TEST CONNECTIONS (Note 1)
7, 9 - 15
8
-
1 - 6, 16
-
-
DYNAMIC BURN-IN TEST CONNECTIONS (Note 2)
-
4, 5, 8
7, 9 - 15
3, 6, 16
2
1
NOTES:
1. Each pin except VCC and GND will have a resistor of 10K
  5% for static burn-in
2. Each pin except VCC and GND will have a resistor of 680
  5% for dynamic burn-in
TABLE 9. IRRADIATION TEST CONNECTIONS
OPEN
GROUND
VCC = 5V
 0.5V
7, 9 - 15
8
1 - 6, 16
NOTE: Each pin except VCC and GND will have a resistor of 47K
  5% for irradiation testing.
Group E, Subgroup 2, sample size is 4 dice/wafer 0 failures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com