Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS138MS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HCS138MS
Description  Radiation Hardened Inverting3-to-8 Line Decoder/Demultiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS138MS Datasheet(HTML) 1 Page - Renesas Technology Corp

  HCS138MS Datasheet HTML 1Page - Renesas Technology Corp HCS138MS Datasheet HTML 2Page - Renesas Technology Corp HCS138MS Datasheet HTML 3Page - Renesas Technology Corp HCS138MS Datasheet HTML 4Page - Renesas Technology Corp HCS138MS Datasheet HTML 5Page - Renesas Technology Corp HCS138MS Datasheet HTML 6Page - Renesas Technology Corp HCS138MS Datasheet HTML 7Page - Renesas Technology Corp HCS138MS Datasheet HTML 8Page - Renesas Technology Corp HCS138MS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FN2473 Rev 3.01
Page 1 of 10
Feb 24, 2022
© 1995 Renesas Electronics
FN2473
Rev 3.01
Feb 24, 2022
HCS138MS
Radiation Hardened Inverting3-to-8 Line Decoder/Demultiplexer
DATASHEET
The HCS138MS is a Radiation Hardened 3-to-8 line
Decoder/Demultiplexer. The outputs are active in the low
state. Two active low and one active high enables (E1, E2,
E3) are provided. If the device is enabled, the binary inputs
(A0, A1, A2) determine which one of the eight normally high
outputs will go to a low logic level.
The HCS138MS utilizes advanced CMOS/SOS technology
to achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS138MS is supplied in a 16 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).
Pinouts
16 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T16
TOP VIEW
16 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP4-F16
TOP VIEW
Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-
Day (Typ)
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
- Standard Outputs - 10 LSTTL Loads
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
-VIL = 0.3 VCC Max
-VIH = 0.7 VCC Min
• Input Current Levels Ii
 5A at VOL, VOH
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A0
A1
A2
E1
E2
E3
GND
Y7
VCC
Y1
Y2
Y3
Y4
Y5
Y6
Y0
A0
A1
A2
E1
E2
E3
Y7
GND
VCC
Y0
Y1
Y2
Y3
Y4
Y5
Y6
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
Ordering Information
PART NUMBER
TEMP
RANGE
SCREENING
LEVEL
PACKAGE
HCS138DMSR
-55oC to
+125oC
Renesas Class S
Equivalent
16 Lead
SBDIP
HCS138KMSR
-55oC to
+125oC
Renesas Class S
Equivalent
16 Lead
Ceramic
Flatpack
HCS138HMSR
+25oCDie
Die


Similar Part No. - HCS138MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS138MS INTERSIL-HCS138MS Datasheet
153Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
August 1995
HCS138MS INTERSIL-HCS138MS Datasheet
306Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
HCS138MS INTERSIL-HCS138MS_05 Datasheet
306Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
More results

Similar Description - HCS138MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS138MS INTERSIL-ACS138MS Datasheet
48Kb / 2P
Radiation Hardened 3-to-8 Line Decoder/Demultiplexer
December 1997
HCS138T INTERSIL-HCS138T Datasheet
158Kb / 3P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
July 1999
HCTS138MS INTERSIL-HCTS138MS Datasheet
154Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
August 1995
HS-54C138RH INTERSIL-HS-54C138RH Datasheet
38Kb / 6P
Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
1996 02
HTCS138MS INTERSIL-HTCS138MS Datasheet
308Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
HCTS138MS INTERSIL-HCTS138MS_05 Datasheet
308Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
HCS138MS INTERSIL-HCS138MS_05 Datasheet
306Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
HS-54C138RH INTERSIL-HS-54C138RH_00 Datasheet
537Kb / 4P
Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
August 2000
logo
Renesas Technology Corp
ACS138MS RENESAS-ACS138MS Datasheet
186Kb / 2P
Radiation Hardened 3-to-8 Line Decoder/Demultiplexer
December 1997
HCTS138MS RENESAS-HCTS138MS Datasheet
442Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com