Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS138MS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HCS138MS
Description  Radiation Hardened Inverting3-to-8 Line Decoder/Demultiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS138MS Datasheet(HTML) 4 Page - Renesas Technology Corp

  HCS138MS Datasheet HTML 1Page - Renesas Technology Corp HCS138MS Datasheet HTML 2Page - Renesas Technology Corp HCS138MS Datasheet HTML 3Page - Renesas Technology Corp HCS138MS Datasheet HTML 4Page - Renesas Technology Corp HCS138MS Datasheet HTML 5Page - Renesas Technology Corp HCS138MS Datasheet HTML 6Page - Renesas Technology Corp HCS138MS Datasheet HTML 7Page - Renesas Technology Corp HCS138MS Datasheet HTML 8Page - Renesas Technology Corp HCS138MS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HCS138MS
FN2473 Rev 3.01
Page 4 of 10
Feb 24, 2022
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP A
SUBGRO
UPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Address to Output
TPLH
VCC = 4.5V
9
+25oC
2
28
ns
10, 11
+125oC, -55oC
2
34
ns
TPHL
VCC = 4.5V
9
+25oC
2
28
ns
10, 11
+125oC, -55oC
2
34
ns
Enable to Output
TPLH
VCC = 4.5V
9
+25oC
2
27
ns
10, 11
+125oC, -55oC
2
33
ns
TPHL
VCC = 4.5V
9
+25oC
2
27
ns
10, 11
+125oC, -55oC
2
33
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, f = 1MHz
1
+25oC
-
78
pF
1
+125oC-
113
pF
Input Capacitance
CIN
VCC = 5.0V, f = 1MHz
1
+25oC
-
10
pF
1
+125oC
-
10
pF
Output Transition
Time
TTHL
TTLH
VCC = 4.5V
1
+25oC
-
15
ns
1
+125oC
-
22
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly tested.
These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMP.
200K RAD
LIMITS
UNITS
MIN
MAX
Quiescent Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC
-
0.75
mA
Output Current (Sink)
IOL
VCC = 4.5V, VIN = VCC or GND, VOUT = 0.4V
+25oC6.0
-
mA
Output Current (Source)
IOH
VCC = 4.5V, VIN = VCC or GND, VOUT = VCC -0.4V
+25oC-6.0
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com