Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL382 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GL382
Description  IrDA-Based SIR System-Conforming Infrared Emitting Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL382 Datasheet(HTML) 2 Page - Sharp Corporation

  GL382 Datasheet HTML 1Page - Sharp Corporation GL382 Datasheet HTML 2Page - Sharp Corporation GL382 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
100
0
20
40
60
80
120
0
25
125
50
75 85
100
100
10
10 -3
10 -2
50
500
10 -1
-25
10 -4
F (V)
1
Fig. 1 Forward Current vs. Ambient
Temperature
Fig. 5 Forward Current vs. Forward Voltage
Fig. 2 Peak Forward Current vs. Duty Ratio
Fig. 4 Peak Emission Wavelength vs.
Ambient Temperature
Fig. 6 Relative Radiant Flux vs. Ambient
Temperature
Ambient temperature Ta (˚C)
Wavelength
λ (nm)
Forward voltage V
Duty ratio
Ambient temperature Ta (˚C)
Ambient temperature Ta (˚C)
GL382
Fig. 3 Spectral Distribution
Pulse width
Ta= 25˚C
5 000
1 000
<=100
µ s
750
0
50
100
800
850
900
950
-25
0
25
50
75
85
860
870
880
890
900
910
IF=const
- 25˚C
0˚C
25˚C
50˚C
Ta = 75˚C
0
0.5
1
2
3
1.5
2.5
3.5
1
10
100
1 000
IF = const
-25
25
50
75 85
0
0.1
0.2
0.5
1
2
5
10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com