Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL382 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL382
Description  IrDA-Based SIR System-Conforming Infrared Emitting Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL382 Datasheet(HTML) 1 Page - Sharp Corporation

  GL382 Datasheet HTML 1Page - Sharp Corporation GL382 Datasheet HTML 2Page - Sharp Corporation GL382 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IF
60
mA
I FM
A
V R
V
T opr
˚C
T stg
˚C
T sol
260
˚C
(Ta=25˚C)
(Ta=25 ˚C)
(2.54)
1
2
V F
IF = 50mA
-
V
V FM
IFM = 0.5A
-
2.2
V
IR
V R =3V
-
-
10
µ A
IE
IF = 50mA
-
mW/sr
IF
--
nm
∆λ
IF
--
nm
fC
--
IF = 20mA
-
-
˚
φ 3.8
φ 3.0 ± 0.15
2 - 0.5
+ 0.15
- 0.1
Features
Applications
Absolute Maximum Ratings
Outline Dimensions
(Unit : mm)
Parameter
Symbol
Rating
Unit
Forward current
Peak forward current
Reverse voltage
Operating temperature
Storage temperature
Soldering temperature
*3
I E : Value obtained by converting the value in power of radiant fluxes emitted at the solid angle of 0.01 sr (steradian) in the direction of mechanical axis of
the lens portion into 1 sr or all those emitted from the light emitting diode.
Parameter
Peak forward voltage
Forward voltage
Reverse voltage
Peak emission wavelength
Half intensity wavelength
Half intensity angle
Response frequency
*3 Radiant intensity
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
-25 to + 85
- 40 to + 85
GL382
GL382
IrDA-Based SIR System-Conforming
Infrared Emitting Diode
0.5
4
*2 For 3 seconds at the position of 2.6 mm from the resin edge
*1 Pulse width <= 100
µ s, Duty ratio=0.01
= 50mA
= 50mA
IF=50mA+10mAp-p
6
12
±17
MHz
*2
*1
1. Compact 3
φ resin mold package
2. Peak emitting wavelength conforming to SIR system based on IrDA
(
λ p=880 nm [I
F
=50mA])
3. Narrow beam angle
(Half intensity angle : TYP. ± 17˚ )
4. High speed response
(Cut-off frequency fc : TYP.12MHz)
1. Portable information terminal equipment
2. Personal computers
3. Printers
1.5
18
880
40
1.7
3.8
Electro-optical Characteristics
λ P
2
2 Cathode
1
1 Anode
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
s
s
s
s
s
* Tolerance : ± 0.2mm
∆θ


Similar Part No. - GL382

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GL3820 HYNIX-GL3820 Datasheet
27Kb / 2P
1 Video Output 75U-1 VPP No Switched
More results

Similar Description - GL382

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TFDS3000 TEMIC-TFDS3000 Datasheet
221Kb / 10P
Integrated Infrared Transceiver Module IrDA (SIR)
logo
Rohm
BU92002GU ROHM-BU92002GU Datasheet
204Kb / 2P
IrDA SIR, FIR Controller IC
logo
Vishay Siliconix
TFDU4101 VISHAY-TFDU4101 Datasheet
266Kb / 16P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
11-Jul-06
TFDU4101 VISHAY-TFDU4101_07 Datasheet
273Kb / 16P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
04-Dec-07
TFDU4101 VISHAY-TFDU4101_09 Datasheet
270Kb / 13P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
08-Jul-09
TFDU4101 VISHAY-TFDU4101_12 Datasheet
283Kb / 13P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
04-Jul-12
TFDU4101 VISHAY-TFDU4101_V01 Datasheet
438Kb / 15P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
25-Jul-2022
TFDU4301 VISHAY-TFDU4301 Datasheet
331Kb / 14P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
28-Oct-2022
TFDU4101 VISHAY-TFDU4101_V02 Datasheet
439Kb / 15P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
25-Jul-2022
TFDU4301 VISHAY-TFDU4301_V01 Datasheet
331Kb / 14P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
28-Oct-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com