Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL480 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GL480
Description  Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL480 Datasheet(HTML) 2 Page - Sharp Corporation

  GL480 Datasheet HTML 1Page - Sharp Corporation GL480 Datasheet HTML 2Page - Sharp Corporation GL480 Datasheet HTML 3Page - Sharp Corporation GL480 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
V F
-
1.2
1.4
V
V FM
-
3.0
4.0
V
IR
--
10
µ A
Ct
-50
-
pF
fc
-
-
300
-
kHz
Φ e
0.7
3.0
mW
λ p
-
950
-
nm
∆λ
45
-
nm
∆θ
± 13
-
-
-
Forward voltage
Peak forward voltage
Reverse current
Terminal capacitance
Response frequency
Radiant flux
Peak emission wavelength
Half intensity wavelength
Half intensity angle
GL480/GL480Q/GL483Q
s Electro-optical Characteristics
( Ta = 25˚C)
IF = 20mA
IFM = 0.5A
V R =3V
V R = 0, f = 1MHz
IF = 20mA
IF = 5mA
IF = 5mA
IF = 20mA
Wavelength
λ ( nm )
Duty ratio
880
900
920
940
960
980
0
20
40
60
80
100
0
255075
100
900
925
950
975
0
255075
100
85
0
10
20
30
40
50
60
10 -3 25 10 -2 25
5
2
10 -1
10
20
50
100
200
500
Fig. 1 Forward Current vs.
Ambient Temperature
-25
Fig. 2 Peak Forward Current vs.
Duty Ratio
Fig. 3 Spectral Distribution
IF = 5mA
T a= 25˚C
Fig. 4 Peak Emission Wavelength vs.
Ambient Temperature
IF = const.
-25
-
˚
Ambient temperature Ta (˚C)
Ambient temperature T a
(˚C)
Pulse width
100
µ s
Ta = 25˚C
1
10000
5000
2000
1000
1000
1000
1020
1040
<=



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com