Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL480 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GL480
Description  Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL480 Datasheet(HTML) 3 Page - Sharp Corporation

  GL480 Datasheet HTML 1Page - Sharp Corporation GL480 Datasheet HTML 2Page - Sharp Corporation GL480 Datasheet HTML 3Page - Sharp Corporation GL480 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
500
200
100
50
20
10
5
2
1
80
60
40
20
100
0
Angular displacement
θ
0.1
1
10
100
0.1
100
10
1
Distance to detector d ( mm)
1
10
100
0.1
100
10
1
0.1
10
100
1
Distance to detector d ( mm)
0.01
0.02
0.05
0.2
0.5
1
2
5
10
const.
0.1
0.2
0.5
1
2
5
10
20
-25
75
50
25
100
0
0.1
Pulse
(Pulse width
100
µ s)
DC
25˚C
0˚C
50˚C
0
+ 90˚
+ 80˚
+ 70˚
+ 50˚
+ 60˚
+ 40˚
+ 30˚
- 30˚
- 40˚
- 50˚
- 60˚
- 70˚
- 80˚
- 90˚
Fig. 5 Forward Current vs. Forward Voltage
Fig. 7 Radiant Flux vs. Forward Current
Fig. 6 Relative Radiant Flux vs.
Ambient Temperature
Fig. 8 Relative Radiant Intensity vs.
Distance
Forward voltage VF (V)
IF =
- 20˚C
Forward current IF ( mA )
IF = 20mA
T a = 25˚C
T a = 75˚C
T a = 25˚C
T a = 25˚C
Fig. 9 Relative Collector Current vs. Distance
(Detector : PT480 )
GL480/GL480Q/GL483Q
Fig.10 Radiation Diagram
(GL480Q/GL483Q )
Ambient temperature Ta (˚C)
(Ta= 25˚C)
- 20˚
- 10˚
+ 10˚
+ 20˚
1000
<=



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com