Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL514 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GL514
Description  TO-18 Type Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL514 Datasheet(HTML) 2 Page - Sharp Corporation

  GL514 Datasheet HTML 1Page - Sharp Corporation GL514 Datasheet HTML 2Page - Sharp Corporation GL514 Datasheet HTML 3Page - Sharp Corporation GL514 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GL514/GL513F
200
175
150
125
100
75
50
25
0
900
925
975
Wavelength
λ ( nm )
900
920
940
880
0
20
40
80
100
10
20
50
100
200
500
Duty ratio
2
5
60
950
0
125
25
50
75
-25
0
100
25
50
75
-25
960
980
100
2
5
2
5
Pulse width <=200
µs
Fig. 1 Forward Current vs.
Ambient Temperature
10 -2
10 -1
Fig. 3 Spectral Distribution
Fig. 4 Peak Emission Wavelength vs.
Ambient Temperature
Fig. 2 Peak Forward Current vs. Duty Ratio
*3 Classification Table of Radiant Flux
Model No.
Rank Mark
GL514A
A
5.35 to 10.0
GL514
-
3.31 to 10.0
at IF = 100mA, Ta = 25˚C
IF = 40mA
T a = 25˚C
-50
125
150
-50
Ambient temperature Ta (˚C)
Ta = 25˚C
1
IF = const.
Ambient temperature Ta (˚C)
Φ e (mW)
2000
1000
1000
1000
1020
1040
-40
-40



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com