Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL514 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL514
Description  TO-18 Type Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL514 Datasheet(HTML) 1 Page - Sharp Corporation

  GL514 Datasheet HTML 1Page - Sharp Corporation GL514 Datasheet HTML 2Page - Sharp Corporation GL514 Datasheet HTML 3Page - Sharp Corporation GL514 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
*1 Pulse width<= 200
µs
Duty ratio = 0.01
*2 For 10 seconds at the position of 1.3mm from the bottom
Emitting Diode
s Features
s Applications
GL514/GL513F
4. High reliability, long operation life
1. Optoelectronic switches
2. Smoke detectors
3. Infrared applied systems
I F = 100mA
I F = 100mA
GL514/GL513F
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Forward voltage
V F
IF = 100mA
-
1.35
1.6
V
Peak forward voltage
V FM
IFM = 1.5A
-
2.75
4.0
V
Reverse current
IR
V R = 5V
-
-
100
Terminal capacitance
Ct
V = 0, f = 1MHz
-
70
-
pF
GL514
Φ e
IF = 100mA
3.31
5.35
10.0
mW
1.44
2.88
-
mW
GL513F
Peak emission wavelength
λ p
IF = 100mA
-
950
-
nm
Half intensity wavelength
∆λ
IF = 100mA
-
45
-
nm
*3Radiant flux
2.5
GL514
Glass lens
GL514
2.5
GL513F
GL513F
Glass window
1. Output : GL514
Φ
e
MIN. 3.31mW at
GL513F
Φ
e
MIN. 1.44mW at
s Outline Dimensions
(Unit : mm )
Symbol
Rating
Unit
P
250
mW
Forward current
IF
150
mA
*1Peak forward current
I FM
2A
Reverse voltage
V R
6V
Operating temperature
T opr
- 40 to + 125
˚C
Storage temperature
T stg
- 55 to + 125
˚C
*2Soldering temperature
T sol
260
˚C
s Absolute Maximum Ratings
(Ta = 25˚C )
s Electro-optical Characteristics
(Ta = 25˚C )
GL513F
∆θ : TYP. ± 50˚
2. Beam angle : GL514
∆θ : TYP. ± 7˚
1
Cathode
2
Anode
1
2
1
2
1
2
µ A
Parameter
Power dissipation
3. To- 18 type standard package
face of can package.
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
TO-18 Type Infrared
φ 3
φ 0.45
φ 0.45
φ 4.7 ± 0.1
φ 4.7 ± 0.1
φ 5.7MAX.
φ 5.7MAX.


Similar Part No. - GL514

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL527 SHARP-GL527 Datasheet
137Kb / 3P
5MM RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
GL528 SHARP-GL528 Datasheet
137Kb / 3P
5MM RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
GL533 SHARP-GL533 Datasheet
22Kb / 2P
High Speed Infrared Emitting Diode for Camera AF (Automatic Focusing)
GL537 SHARP-GL537 Datasheet
37Kb / 3P
過 5mm Resin Mold Type Infrared Emitting Diode
GL537 SHARP-GL537 Datasheet
137Kb / 3P
5MM RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
More results

Similar Description - GL514

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3029A NTE-NTE3029A Datasheet
21Kb / 2P
Infrared-Emitting Diode
logo
Sharp Corporation
GL453 SHARP-GL453 Datasheet
43Kb / 4P
Bidirectional Emission Type Infrared Emitting Diode
GL4800 SHARP-GL4800 Datasheet
33Kb / 3P
Thin Type Infrared Emitting Diode
logo
Micro Electronics
MI31T MICRO-ELECTRONICS-MI31T Datasheet
79Kb / 2P
INFRARED EMITTING DIODE
MI33T MICRO-ELECTRONICS-MI33T Datasheet
95Kb / 3P
INFRARED EMITTING DIODE
MI51TA-2 MICRO-ELECTRONICS-MI51TA-2 Datasheet
47Kb / 1P
INFRARED EMITTING DIODE
MIB31TA-2 MICRO-ELECTRONICS-MIB31TA-2 Datasheet
42Kb / 1P
INFRARED EMITTING DIODE
logo
List of Unclassifed Man...
LN-1A11 ETC-LN-1A11 Datasheet
56Kb / 1P
INFRARED EMITTING DIODE
logo
IDEA.lnc.
IEFC0128 IDEA-IEFC0128 Datasheet
37Kb / 2P
infrared emitting diode
logo
Sharp Corporation
GL100MN0MP SHARP-GL100MN0MP Datasheet
969Kb / 11P
Surface Mount Type, Infrared Emitting Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com