Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL537 Datasheet (PDF) - Sharp Corporation

GL537 Datasheet PDF - Sharp Corporation
Part # GL537
Download  GL537 Download
File Size   37.8 Kbytes
Page   3 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 過 5mm Resin Mold Type Infrared Emitting Diode

GL537 Datasheet (PDF)

Go To PDF Page Download Datasheet
GL537 Datasheet PDF - Sharp Corporation

Part # GL537
Download  GL537 Click to download

File Size   37.8 Kbytes
Page   3 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 過 5mm Resin Mold Type Infrared Emitting Diode

GL537 Datasheet (HTML) - Sharp Corporation


GL537 Product details

■ Features
1. High output power
   GL528
   Ig: TYP. 12mW/sr at IF = 50mA
   GL538
   Ig: TYP. 15mW/sr at IF = 50mA
2. Beam angle
   GL528/GL538 ∆θ : TYP. ± 13˚
   GL527/GL537 ∆θ : TYP. ± 25˚
3. φ 5mm epoxy resin package

■ Applications
1. Infrared remote controllers for TVs,
   VCRs, audio equipment and air conditioners




Similar Part No. - GL537

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL537 SHARP-GL537 Datasheet
137Kb / 3P
5MM RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
More results


Similar Description - GL537

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL390 SHARP-GL390 Datasheet
38Kb / 4P
Thin Bow Type Resin Mold Package Infrared Emitting Diodes
GL460 SHARP-GL460 Datasheet
46Kb / 4P
Double Ended Mold Type Infrared Emitting Diode
GL4600 SHARP-GL4600 Datasheet
37Kb / 4P
Double Ended Mold Type Infrared Emitting Diode
GL560 SHARP-GL560 Datasheet
39Kb / 3P
Low Peak Forward Voltage Type 過 5 Resin Mold Package Infrared Emitting Diodes
GL420 SHARP-GL420 Datasheet
96Kb / 3P
RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
GL527 SHARP-GL527 Datasheet
137Kb / 3P
5MM RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
GL360 SHARP-GL360 Datasheet
106Kb / 3P
3.2mm RESIN MOLD Type Infrared Light Emltting Diode
GL371 SHARP-GL371 Datasheet
325Kb / 3P
COMPACT RESIN STEM TYPE INFRARED EMITTING DIODE
logo
NTE Electronics
NTE30047 NTE-NTE30047 Datasheet
56Kb / 1P
Infrared Emitting Diode − 5mm
logo
LUMEX INC.
OED-EL-1L2 LUMEX-OED-EL-1L2_17 Datasheet
66Kb / 1P
T-5mm, 940mm Infrared Emitting DIode
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com