Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL360 Datasheet (PDF) - Sharp Corporation

GL360 Datasheet PDF - Sharp Corporation
Part # GL360
Download  GL360 Download
File Size   106.15 Kbytes
Page   3 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 3.2mm RESIN MOLD Type Infrared Light Emltting Diode

GL360 Datasheet (PDF)

Go To PDF Page Download Datasheet
GL360 Datasheet PDF - Sharp Corporation

Part # GL360
Download  GL360 Click to download

File Size   106.15 Kbytes
Page   3 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 3.2mm RESIN MOLD Type Infrared Light Emltting Diode

GL360 Datasheet (HTML) - Sharp Corporation


GL360 Product details

Features
1. Ø3.2mm epoxy resin package
2. Intermediate beam angle (Δθ : TYP. ±20°)
3. High output (Øe : MIN. 1.5mW at IF = 40mA)

Applications
1. Floppy disk drives
2. Optoelectronic switches
3. Infrared applied systems




Similar Part No. - GL360

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GL3019 GTM-GL3019 Datasheet
120Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
GL3019 ETL-GL3019 Datasheet
122Kb / 1P
N P N E P I T A X I A L P L A N A R T R A N S I S T O R
logo
GTM CORPORATION
GL3055 GTM-GL3055 Datasheet
357Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Glenair, Inc.
GL30G GLENAIR-GL30G Datasheet
865Kb / 3P
Underwater Interconnect Assemblies
GL30G1P-BC GLENAIR-GL30G1P-BC Datasheet
865Kb / 3P
Underwater Interconnect Assemblies
More results


Similar Description - GL360

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL390 SHARP-GL390 Datasheet
38Kb / 4P
Thin Bow Type Resin Mold Package Infrared Emitting Diodes
GL460 SHARP-GL460 Datasheet
46Kb / 4P
Double Ended Mold Type Infrared Emitting Diode
GL4600 SHARP-GL4600 Datasheet
37Kb / 4P
Double Ended Mold Type Infrared Emitting Diode
GL537 SHARP-GL537 Datasheet
37Kb / 3P
過 5mm Resin Mold Type Infrared Emitting Diode
logo
Siemens Semiconductor G...
LGS259 SIEMENS-LGS259 Datasheet
116Kb / 5P
Light Emltting Diodes
logo
Sharp Corporation
GL420 SHARP-GL420 Datasheet
96Kb / 3P
RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
GL527 SHARP-GL527 Datasheet
137Kb / 3P
5MM RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
GL371 SHARP-GL371 Datasheet
325Kb / 3P
COMPACT RESIN STEM TYPE INFRARED EMITTING DIODE
logo
Renesas Technology Corp
5P4SMA RENESAS-5P4SMA Datasheet
406Kb / 8P
5 A RESIN MOLD TYPE SCR
1988
AC12DSMA RENESAS-AC12DSMA Datasheet
413Kb / 8P
12 A RESIN MOLD TYPE TRIAC
April 1st, 2010
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com