Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL420 Datasheet (PDF) - Sharp Corporation

GL420 Datasheet PDF - Sharp Corporation
Part # GL420
Download  GL420 Download
File Size   96.5 Kbytes
Page   3 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE

GL420 Datasheet (PDF)

Go To PDF Page Download Datasheet
GL420 Datasheet PDF - Sharp Corporation

Part # GL420
Download  GL420 Click to download

File Size   96.5 Kbytes
Page   3 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE

GL420 Datasheet (HTML) - Sharp Corporation


GL420 Product details

Features
1. Intermediate beam angle (Δθ : TYP. ±30°)
2. High output (Øe : MIN. 0.75mW at IF = 20mA)
3. Epoxy resin package

Applications
3. Infrared remote controllers
1. Floppy disk drives
2. Optoelectronic switches, optoelectronic counters




Similar Part No. - GL420

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
GL42 ASHCROFT-GL42 Datasheet
734Kb / 3P
GL42 Low Differential Indicating Pressure Transmitter
RevC_12-08-22
logo
GENESYS LOGIC
GL422 GENESYS-GL422 Datasheet
268Kb / 32P
USB 2.0 SD/MMC-controller Combo Solution
GL423 GENESYS-GL423 Datasheet
268Kb / 32P
USB 2.0 SD/MMC-controller Combo Solution
GL424 GENESYS-GL424 Datasheet
500Kb / 34P
SD/MMC Flash Card Controller
GL424-PMGXX GENESYS-GL424-PMGXX Datasheet
500Kb / 34P
SD/MMC Flash Card Controller
More results


Similar Description - GL420

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL390 SHARP-GL390 Datasheet
38Kb / 4P
Thin Bow Type Resin Mold Package Infrared Emitting Diodes
GL460 SHARP-GL460 Datasheet
46Kb / 4P
Double Ended Mold Type Infrared Emitting Diode
GL4600 SHARP-GL4600 Datasheet
37Kb / 4P
Double Ended Mold Type Infrared Emitting Diode
GL537 SHARP-GL537 Datasheet
37Kb / 3P
過 5mm Resin Mold Type Infrared Emitting Diode
GL527 SHARP-GL527 Datasheet
137Kb / 3P
5MM RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
GL360 SHARP-GL360 Datasheet
106Kb / 3P
3.2mm RESIN MOLD Type Infrared Light Emltting Diode
GL371 SHARP-GL371 Datasheet
325Kb / 3P
COMPACT RESIN STEM TYPE INFRARED EMITTING DIODE
logo
OPTEK Technologies
OP250 OPTEK-OP250 Datasheet
254Kb / 3P
Infrared Light Emitting Diode
logo
Roithner LaserTechnik G...
ELD-810-525 ROITHNER-ELD-810-525 Datasheet
654Kb / 3P
infrared light emitting diode
logo
TT Electronics.
OPR2800 TTELEC-OPR2800 Datasheet
265Kb / 2P
Infrared Light Emitting Diode
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com