Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL390 Datasheet (PDF) - Sharp Corporation

GL390 Datasheet PDF - Sharp Corporation
Part # GL390
Download  GL390 Download
File Size   38.75 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Thin Bow Type Resin Mold Package Infrared Emitting Diodes

GL390 Datasheet (PDF)

Go To PDF Page Download Datasheet
GL390 Datasheet PDF - Sharp Corporation

Part # GL390
Download  GL390 Click to download

File Size   38.75 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Thin Bow Type Resin Mold Package Infrared Emitting Diodes

GL390 Datasheet (HTML) - Sharp Corporation


GL390 Product details

■ Features
1. Thin bow type resin mold package
   (Resin area : 2.0 x 3.1 x 5.2 mm)
2. Low peak forward voltage (GL390V)
   VFM : TYP. 1.9V at IFM=0.5A

■ Applications
1. Cameras
2. Infrared remote controllers




Similar Part No. - GL390

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GL3904 GTM-GL3904 Datasheet
190Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTO
logo
E-Tech Electronics LTD
GL3904 ETL-GL3904 Datasheet
192Kb / 2P
N P N E P I TA X I A L P L A N A R T R A N S I S TO R
logo
GTM CORPORATION
GL3906 GTM-GL3906 Datasheet
188Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
GL3906 ETL-GL3906 Datasheet
189Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
More results


Similar Description - GL390

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL460 SHARP-GL460 Datasheet
46Kb / 4P
Double Ended Mold Type Infrared Emitting Diode
GL4600 SHARP-GL4600 Datasheet
37Kb / 4P
Double Ended Mold Type Infrared Emitting Diode
GL4800 SHARP-GL4800 Datasheet
33Kb / 3P
Thin Type Infrared Emitting Diode
GL537 SHARP-GL537 Datasheet
37Kb / 3P
過 5mm Resin Mold Type Infrared Emitting Diode
GL560 SHARP-GL560 Datasheet
39Kb / 3P
Low Peak Forward Voltage Type 過 5 Resin Mold Package Infrared Emitting Diodes
GL420 SHARP-GL420 Datasheet
96Kb / 3P
RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
GL527 SHARP-GL527 Datasheet
137Kb / 3P
5MM RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
GL360 SHARP-GL360 Datasheet
106Kb / 3P
3.2mm RESIN MOLD Type Infrared Light Emltting Diode
GL371 SHARP-GL371 Datasheet
325Kb / 3P
COMPACT RESIN STEM TYPE INFRARED EMITTING DIODE
logo
BetLux Electronics
BL-L513IRAC BETLUX-BL-L513IRAC Datasheet
71Kb / 3P
INFRARED EMITTING DIODES
REV NO: V.2
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com