Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL537 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GL537
Description  過 5mm Resin Mold Type Infrared Emitting Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL537 Datasheet(HTML) 2 Page - Sharp Corporation

  GL537 Datasheet HTML 1Page - Sharp Corporation GL537 Datasheet HTML 2Page - Sharp Corporation GL537 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GL537/GL538
880
920
960
Wavelength
λ ( nm )
20
0
40
60
80
100
100
0
20
40
60
80
120
- 25
0
25
100
50
75 85
100
Duty ratio
10
Pulse width<=100
µs
- 25
0
25
50
75
100
975
950
925
900
- 25
0
25
50
75
100
140
60
120
100
80
40
500
50
0
100
10
5
1
0.5
1
1.5
2
2.5
200
20
2
3
25˚C
0˚C
50˚C
Ta = 75˚C
Fig. 1 Forward Current vs.
Ambient Temperature
Fig. 2 Peak Forward Current vs. Duty Ratio
10 -3
10 -2
10 -1
Fig. 3 Spectral Distribution
IF = 5mA
Fig. 4 Peak Emission Wave length vs.
Ambient Temperature
IF = const.
Fig. 5 Forward Current vs. Forward Voltage
F ( V )
- 25˚C
IF = const.
Fig. 6 Relative Forward Voltage vs.
Ambient Temperature
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
Forward voltage V
Ta= 25˚C
Ta = 25˚C
10000
1000
1000
1080
1040
1000
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com