Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL537 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GL537
Description  過 5mm Resin Mold Type Infrared Emitting Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL537 Datasheet(HTML) 3 Page - Sharp Corporation

  GL537 Datasheet HTML 1Page - Sharp Corporation GL537 Datasheet HTML 2Page - Sharp Corporation GL537 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GL537/GL538
0
255075
100
20
0
40
60
80
100
120
140
160
180
200
Distance to detector d ( m)
80
60
40
20
100
0
Angular displacement
θ
Angular displacement
θ
0
- 90˚
- 80˚
- 70˚
- 60˚
- 50˚
- 40˚
- 20˚
- 10˚
- 30˚
0
+ 10˚
+ 20˚
+ 30˚
+ 40˚
+ 60˚
+ 50˚
+ 70˚
+ 80˚
+ 90˚
100
20
40
60
80
Distance to detector d ( m)
10 -4
GL537
GL538
A
Test circuit
PD410PI
10
100
1
0.1
10 -3
10 -2
10 -1
0.1
1
10
100
10 -4
10 -3
10 -2
10 -1
GL537
GL538
GL538
GL537
100
1
100
10
Pulse width<=100
µs
10
- 30˚
- 40˚
- 50˚
- 60˚
- 70˚
- 80˚
- 90˚
- 20˚
- 10˚
0
+ 10˚
+ 20˚
+ 30˚
+ 40˚
+ 50˚
+ 60˚
+ 70˚
+ 80˚
+ 90˚
-25
Fig. 7 Relative Output vs. Ambient Temper-
GL537 / GL538
Fig. 8 Radiation Intensity vs.
Peak Forward Current
Peak forward current IFM ( mA )
Fig. 9 Relative Collector Current vs.
IF = 20mA
IF= 20mA
Fig.10 Relative Collector Current vs.
ature
(Detector : PD410PI)
Distance
(Detector : PD49PI)
Distance
(Detector : PD410PI)
(GL537 )(GL538 )
Fig.11-a Radiation Diagram
Fig.11-b Radiation Diagram
Ambient temperature Ta (˚C)
Ta = 25˚C
(Ta = 25˚C)
(Ta = 25˚C)
Ta= 25˚C
1 000
Ta = 25˚C
1000
10000
q Please refer to the chapter “ Precautions for Use.”



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com