Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL533 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GL533
Description  High Speed Infrared Emitting Diode for Camera AF (Automatic Focusing)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL533 Datasheet(HTML) 2 Page - Sharp Corporation

  GL533 Datasheet HTML 1Page - Sharp Corporation GL533 Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(Ta=25 ˚C)
V F
IF = 50mA
-
1.3
1.6
V
V FM
IFM = 0.5A
-
2.0
2.9
V
IR
V R =3V
-
-
10
µ A
IF = 50mA
8
13
18
mW
λ pIF = 20mA
-
940
-
nm
∆λ
IF = 20mA
-
60
-
nm
Ct
V R = 0, f = 1MHz
-
70
-
pF
fc
-
300
-
kHz
Φ e
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Forward voltage
Peak forward voltage
Reverse current
Radiant flux
Peak emission wavelength
Half intensity wavelength
Terminal capacitance
Response capacitance
Electro-optical Characteristics
Fig. 1 Forward Current vs. Ambient
Temperature
Fig. 2 Peak Forward Current vs. Duty Ratio
- 25
0
25
50
75
100
0
50
100
Ambient temperature T a (˚C)
Please refer to the chapter "Precautions for Use". (Page 78 to 93)
GL533
10
500
100
50
5000
1000
10 -4
10 -3
10 -2
10 -1
Ta = 25˚C
Duty ratio
Pulse width <=100
µs
10˚
s
q



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com