Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL533 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL533
Description  High Speed Infrared Emitting Diode for Camera AF (Automatic Focusing)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL533 Datasheet(HTML) 1 Page - Sharp Corporation

  GL533 Datasheet HTML 1Page - Sharp Corporation GL533 Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GL533
(Ta=25˚C)
*1
IF
I FM
80
1
mA
A
VR
6V
P
120
mW
˚C
˚C
*2
260
˚C
1.0
(
g )
1
2
2
1
Topr
Tstg
Tsol
φ 5.4
4.2 ± 0.1
2 -
φ 0.45 ± 0.1
2.5 ± 0.3
Features
1. Small spot light diameter for easy beam diaphragming
4. Low peak forward voltage type
Applications
1. Cameras
Outline Dimensions
(Unit : mm)
Transparent epoxy resin
(Refractive index 1.54)
Chip position 2.1 ± 0.1
1 Anode
2 Cathode
g Dimension at lead root
* ( ) : Reference dimensions
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Forward current
Peak forward current
Reverse voltage
Power dissipation
Operating temperature
Storage temperature
Soldering temperature
Soldering area
GL533
High Speed Infrared Emitting
Diode for Camera AF
(Automatic Focusing)
PSD * : Position Sensitive Device
*1 Pulse width <=100
µ s, Duty ratio=0.01
2. High positional accuracy of optical axis (accuracy : ± 0.1 mm)
5. PSD* Equivalent to peak sensitivity wavelength of detectors
(PD3101F and PD3151F)
(peak emission wavelength : TYP. 940 nm)
(TYP. :
φ0.6 mm)
3. High output type (radiant flux
Φe : TYP. 13mW)
(peak forward voltage V FM : TYP. 2.0V)
- 25 to +100
- 30 to +100
*2 For MAX. 3 seconds at the position of 1.3 mm from the bottom surface of resin
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
s
s
s
s


Similar Part No. - GL533

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL537 SHARP-GL537 Datasheet
37Kb / 3P
過 5mm Resin Mold Type Infrared Emitting Diode
GL537 SHARP-GL537 Datasheet
137Kb / 3P
5MM RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
GL538 SHARP-GL538 Datasheet
37Kb / 3P
過 5mm Resin Mold Type Infrared Emitting Diode
GL538 SHARP-GL538 Datasheet
137Kb / 3P
5MM RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
More results

Similar Description - GL533

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL4910 SHARP-GL4910 Datasheet
43Kb / 4P
Side View Type Infrared Emitting Diode for Camera AF (Automatic Focusing)
GL496 SHARP-GL496 Datasheet
35Kb / 4P
High Speed Infrared Emitting Diode
GL550 SHARP-GL550 Datasheet
38Kb / 4P
High Speed Infrared Emitting Diode
logo
List of Unclassifed Man...
SD503 ETC-SD503 Datasheet
114Kb / 2P
Position sensors for automatic focusing of camera
logo
Vishay Siliconix
TSHG5210 VISHAY-TSHG5210_11 Datasheet
109Kb / 5P
High Speed Infrared Emitting Diode
23-Aug-11
VSMF9700X01 VISHAY-VSMF9700X01 Datasheet
134Kb / 6P
High Speed Infrared Emitting Diode
24-Jul-14
VSMF4720 VISHAY-VSMF4720_13 Datasheet
132Kb / 6P
High Speed Infrared Emitting Diode
25-Sep-13
VSMF4710 VISHAY-VSMF4710_13 Datasheet
131Kb / 6P
High Speed Infrared Emitting Diode
25-Sep-13
TSHG8400 VISHAY-TSHG8400_13 Datasheet
106Kb / 5P
High Speed Infrared Emitting Diode
03-Sep-13
VSMG3700 VISHAY-VSMG3700_13 Datasheet
132Kb / 6P
High Speed Infrared Emitting Diode
24-Sep-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com