Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL550 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GL550
Description  High Speed Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL550 Datasheet(HTML) 2 Page - Sharp Corporation

  GL550 Datasheet HTML 1Page - Sharp Corporation GL550 Datasheet HTML 2Page - Sharp Corporation GL550 Datasheet HTML 3Page - Sharp Corporation GL550 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
V F
IF = 50mA
IR
V R =3V
Ct
V R
Z
λ p
GL550
GL551
fc
Φ e
IF = 50mA
IF = 50mA
IF = 50mA
IF = 50mA
-
1.5
V
--
10
µ A
-70
-
10
-
mW
880
nm
-40
-
nm
-
± 22
-
-± 10
-
˚
-12
-
MH Z
˚
- 40
- 20
0
20
40
60
80
100
0
25
85
10
50
100
500
= 0, f = 1MH
(Ta=25 ˚C)
pF
5000
1000
1
10 -4
10 -3
10 -2
10 -1
Ta = 25˚C
850
--
VFM
IFM = 0.5A
120
100
80
60
40
20
3.5
V
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Forward voltage
Terminal capacitance
Radiant flux
Peak emission wavelength
Half intensity wavelength
Half intensity angle
Response frequency
Fig. 1 Forward Current vs. Ambient
Temperature
Fig. 2 Peak Forward Current vs. Duty Ratio
Ambient temperature T a (˚C)
Duty ratio
Pulse width<=100
µs
GL550/GL551
Electro-optical Characteristics
1.75
Peak forward voltage
Reverse current
22
900
*3
*3 Frequency to bring about -3dB reduction of modulated radiant flux from 100Hz
∆λ
∆θ
IF = 50mA + 10mAp-p
s



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com