Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL550 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GL550
Description  High Speed Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL550 Datasheet(HTML) 4 Page - Sharp Corporation

  GL550 Datasheet HTML 1Page - Sharp Corporation GL550 Datasheet HTML 2Page - Sharp Corporation GL550 Datasheet HTML 3Page - Sharp Corporation GL550 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
(Ta=25 ˚C)
(Ta=25 ˚C)
Angular displacement
θ
Angular displacement
θ
Please refer to the chapter "Precautions for Use". (Page 78 to 93)
GL550/GL551
Fig. 9 Relative Collector Current vs. Distance
(Detector : PD413PI)
Fig. 10 Relative Radiant Intensity vs. Distance
Distance to detector (mm)
Fig. 11 Radiation Diagram (GL550)
Fig. 12 Radiation Diagram (GL551)
Distance between emitter and detector d (mm)
0
0˚
- 10˚
+ 10˚
- 20˚
+ 20˚
- 90˚
- 80˚
- 70˚
- 60˚
- 50˚
- 40˚
- 30˚
+ 90˚
+ 80˚
+ 70˚
+ 60˚
+ 50˚
+ 40˚
+ 30˚
20
40
60
80
100
0
0˚
- 10˚
+ 10˚
- 20˚
+ 20˚
- 90˚
- 80˚
- 70˚
- 60˚
- 50˚
- 40˚
- 30˚
+ 90˚
+ 80˚
+ 70˚
+ 60˚
+ 50˚
+ 40˚
+ 30˚
20
40
60
80
100
Ta=25˚C
0.1
1
10
100
0.1
10
100
1
GL550
GL551
0.1
10
100
1
0.1
10
100
1
IF=50mA
Ta=25˚C
GL550
GL551
q



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com