Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3904LP Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MMBT3904LP
Description  40V NPN SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT3904LP Datasheet(HTML) 4 Page - Diodes Incorporated

  MMBT3904LP Datasheet HTML 1Page - Diodes Incorporated MMBT3904LP Datasheet HTML 2Page - Diodes Incorporated MMBT3904LP Datasheet HTML 3Page - Diodes Incorporated MMBT3904LP Datasheet HTML 4Page - Diodes Incorporated MMBT3904LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMBT3904LP
Document number: DS31835 Rev. 3 - 2
4 of 5
www.diodes.com
February 2011
© Diodes Incorporated
MMBT3904LP
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
C
Fig. 6 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
0.01
0.1
1
T = -55°C
A
I/I = 10
CB
T = 25°C
A
T = 125°C
A
T = 150°C
A
T = 85°C
A
0.01
0.1
1
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
C
Fig. 7 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
I/I = 20
CB
T = -55°C
A
T = 25°C
A
T = 150°C
A
T = 85°C
A
T = 125°C
A
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
C
Fig. 8 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
V
= 5V
CE
T = 85°C
A
T = 25°C
A
T = -55°C
A
T = 125°C
A
T = 150°C
A
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
C
Fig. 9 Typical Base-Emitter Saturation Voltage
vs. Collector Current
0.2
0.4
0.6
0.8
1.0
1.2
T = 85°C
A
T = 25°C
A
T = -55°C
A
T = 125°C
A
T = 150°C
A
Gain = 10
Package Outline Dimensions
DFN1006-3
Dim
Min
Max
Typ
A
0.47
0.53
0.50
A1
0
0.05
0.03
b1
0.10
0.20
0.15
b2
0.45
0.55
0.50
D
0.95
1.075
1.00
E
0.55
0.675
0.60
e
⎯
⎯
0.35
L1
0.20
0.30
0.25
L2
0.20
0.30
0.25
L3
⎯
⎯
0.40
All Dimensions in mm
L2
A1
E
b2
L1
L3
D
e
b1
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com