Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3904LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBT3904LP
Description  40V NPN SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT3904LP Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBT3904LP Datasheet HTML 1Page - Diodes Incorporated MMBT3904LP Datasheet HTML 2Page - Diodes Incorporated MMBT3904LP Datasheet HTML 3Page - Diodes Incorporated MMBT3904LP Datasheet HTML 4Page - Diodes Incorporated MMBT3904LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MMBT3904LP
Document number: DS31835 Rev. 3 - 2
1 of 5
www.diodes.com
February 2011
© Diodes Incorporated
MMBT3904LP
40V NPN SURFACE MOUNT TRANSISTOR
Features
•
Complementary PNP Type Available (MMBT3906LP)
•
Ultra-Small Leadless Surface Mount Package
•
“Lead Free”, RoHS Compliant (Note 1)
•
Halogen and Antimony Free "Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: DFN1006-3
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish
⎯ NiPdAu over Copper leadframe. Solderable
per MIL-STD-202, Method 208
•
Weight: 0.0008 grams (approximate)
Ordering Information (Note 3)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
MMBT3904LP-7
1N
7
8mm
3,000
MMBT3904LP-7B
1N
7
8mm
10,000
Notes:
1. No purposefully added lead.
2. Diodes Inc's "Green" policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
1N = Product Type Marking Code
Top View
Device Schematic
Bottom View
DFN1006-3
Device Symbol
C
E
B
C
E
B
MMBT3904LP-7
MMBT3904LP-7B
Top View
Bar Denotes Base
and Emitter Side
Top View
Dot Denotes
Collector Side
1N
1N


Similar Part No. - MMBT3904LP

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
MMBT3904LP FUTUREWAFER-MMBT3904LP Datasheet
1Mb / 9P
40V Matched Pair NPN Small Signal Transistors
05-Apr-2021 V2.0
logo
TECH PUBLIC Electronics...
MMBT3904LP TECHPUBLIC-MMBT3904LP Datasheet
470Kb / 2P
50V NPN General Purpose Transistor|
logo
Diodes Incorporated
MMBT3904LP-7 DIODES-MMBT3904LP-7 Datasheet
402Kb / 7P
40V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 5
MMBT3904LP-7B DIODES-MMBT3904LP-7B Datasheet
402Kb / 7P
40V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 5
MMBT3904LP DIODES-MMBT3904LP_15 Datasheet
402Kb / 7P
40V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 5
More results

Similar Description - MMBT3904LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DST3904DJ DIODES-DST3904DJ Datasheet
131Kb / 6P
40V DUAL NPN SURFACE MOUNT TRANSISTOR
DS32038 Rev. 2 - 2
DSS2540M DIODES-DSS2540M Datasheet
132Kb / 5P
40V LOW VCE(sat) NPN SURFACE MOUNT TRANSISTOR
DS31820 Rev. 3 - 2
MMBT3904-13-F DIODES-MMBT3904-13-F Datasheet
132Kb / 7P
40V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 20
DST3904DJ DIODES-DST3904DJ_15 Datasheet
131Kb / 6P
40V DUAL NPN SURFACE MOUNT TRANSISTOR
Rev 2
DSS4240Y DIODES-DSS4240Y_15 Datasheet
133Kb / 5P
40V LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
Rev 2
DXT2222A DIODES-DXT2222A_15 Datasheet
357Kb / 6P
40V NPN SURFACE MOUNT TRANSISTOR IN SOT89
Rev 4
DSS4240T DIODES-DSS4240T_15 Datasheet
103Kb / 5P
40V LOW VCE(sat) NPN SURFACE MOUNT TRANSISTOR
Rev 4
MMBT2222ALP4 DIODES-MMBT2222ALP4 Datasheet
155Kb / 7P
40V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 3
MMBT2222ALP4 DIODES-MMBT2222ALP4_15 Datasheet
155Kb / 7P
40V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 3
DSS4240Y DIODES-DSS4240Y Datasheet
133Kb / 5P
40V LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
March 2011
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com