Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN0150ALP4 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DN0150ALP4
Description  50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DN0150ALP4 Datasheet(HTML) 2 Page - Diodes Incorporated

  DN0150ALP4 Datasheet HTML 1Page - Diodes Incorporated DN0150ALP4 Datasheet HTML 2Page - Diodes Incorporated DN0150ALP4 Datasheet HTML 3Page - Diodes Incorporated DN0150ALP4 Datasheet HTML 4Page - Diodes Incorporated DN0150ALP4 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DN0150ALP4 / DN0150BLP4
Document number: DS31492 Rev. 4 - 2
2 of 5
www.diodes.com
January 2011
© Diodes Incorporated
DN0150ALP4 / DN0150BLP4
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current – Continuous
IC
100
mA
Peak Pulse Collector Current
ICM
200
mA
Base Current
IB
30
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4)
PD
450
mW
Thermal Resistance, Junction to Ambient (Note 4)
RθJA
278
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
V(BR)CBO
60
—
—
V
IC = 10μA, IE = 0
Collector-Emitter Breakdown Voltage (Note 5)
V(BR)CEO
50
—
—
V
IC = 1mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
5
—
—
V
IE = 10μA, IC = 0
Collector Cut-Off Current
ICBO
—
—
0.1
μA
VCB = 60V, IE = 0
Emitter Cut-Off Current
IEBO
—
—
0.1
μA
VEB = 5V, IC = 0
ON CHARACTERISTICS (Note 5)
Collector-Emitter Saturation Voltage
VCE(SAT)
—
0.10
0.25
V
IC = 100mA, IB = 10mA
DC Current Gain
DN0150ALP4
DN0150BLP4
hFE
120
—
240
—
VCE = 6V, IC = 2mA
200
—
400
SMALL SIGNAL CHARACTERISTICS
Transition Frequency
fT
60
—
—
MHz
VCE = 10V, IE = -1mA
f = 30MHz
Output Capactiance
Cob
—
1.3
—
pF
VCB = 10V, IE = 0,
f = 1MHz
Notes:
4. Device mounted on FR-4 PCB with minimum recommended pad layout.
5. Measured under pulsed conditions. Pulse width = 300µs. Duty cycle
≤2%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com