Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN0150ALP4 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DN0150ALP4
Description  50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DN0150ALP4 Datasheet(HTML) 4 Page - Diodes Incorporated

  DN0150ALP4 Datasheet HTML 1Page - Diodes Incorporated DN0150ALP4 Datasheet HTML 2Page - Diodes Incorporated DN0150ALP4 Datasheet HTML 3Page - Diodes Incorporated DN0150ALP4 Datasheet HTML 4Page - Diodes Incorporated DN0150ALP4 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DN0150ALP4 / DN0150BLP4
Document number: DS31492 Rev. 4 - 2
4 of 5
www.diodes.com
January 2011
© Diodes Incorporated
DN0150ALP4 / DN0150BLP4
0
1
10
100
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 7 Typical Capacitance Characteristics
Cibo
C
obo
f = 1MHz
0
40
80
120
160
200
240
280
320
02
4
6
8
10
I , COLLECTOR CURRENT (mA)
C
Fig. 8 Typical Gain-Bandwidth Product
vs. Collector Current
V
= 6V
f = 30MHz
CE
Package Outline Dimensions
Suggested Pad Layout
DFN1006H4-3
Dim
Min
Max
Typ
A
⎯
0.40
⎯
A1
0
0.05
0.02
b1
0.10
0.20
0.15
b2
0.45
0.55
0.50
D
0.95
1.075
1.00
E
0.55
0.675
0.60
e
⎯
⎯
0.35
L1
0.20
0.30
0.25
L2
0.20
0.30
0.25
L3
⎯
⎯
0.40
All Dimensions in mm
Dimensions
Value (in mm)
Z
1.1
G1
0.3
G2
0.2
X
0.7
X1
0.25
Y
0.4
C
0.7
L2
A1
E
b2
L1
L3
D
e
b1
A
Y
C
G1
G2
X
X
1
Z



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com