Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP0150ALP4 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DP0150ALP4
Description  50V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DP0150ALP4 Datasheet(HTML) 1 Page - Diodes Incorporated

  DP0150ALP4 Datasheet HTML 1Page - Diodes Incorporated DP0150ALP4 Datasheet HTML 2Page - Diodes Incorporated DP0150ALP4 Datasheet HTML 3Page - Diodes Incorporated DP0150ALP4 Datasheet HTML 4Page - Diodes Incorporated DP0150ALP4 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DP0150ALP4 / DP0150BLP4
Document number: DS31493 Rev. 4 - 2
1 of 5
www.diodes.com
January 2011
© Diodes Incorporated
DP0150ALP4 / DP0150BLP4
50V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Die Construction
•
Ultra-Small Leadless Surface Mount Package
•
Ultra-low Profile (0.40mm max)
•
Complementary NPN Type Available (DN0150ALP4 /
DN0150BLP4)
•
“Lead Free”, RoHS Compliant (Note 1)
•
Halogen and Antimony Free, "Green" Device (Note 2)
•
Qualified to AEC-Q101Standards for High Reliability
Mechanical Data
•
Case: DFN1006H4-3
•
Case Material: Molded Plastic, "Green" Molding Compound. UL
Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish
⎯ NiPdAu over Copper leadframe. Solderable
per MIL-STD-202, Method 208
•
Weight: 0.0008 grams (approximate)
Ordering Information (Note 3)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
DP0150ALP4-7
T5
7
8
3,000
DP0150ALP4-7B
T5
7
8
10,000
DP0150BLP4-7
T6
7
8
3,000
DP0150BLP4-7B
T6
7
8
10,000
Notes:
1. No purposefully added lead.
2. Diodes Inc's "Green" policy can be found on our website at http://www.diodes.com
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Bottom View
Top View
Device Schematic
DFN1006H4-3
Device Symbol
C
E
B
Tx = Product Type Marking Code
T5 = DP0150ALP4
T6 = DP0150BLP4
C
E
B
Tx
Tx
DP0150ALP4-7
DP0150BLP4-7
DP0150ALP4-7B
DP0150BLP4-7B
Top View
Bar Denotes Base
and Emitter Side
Top View
Dot Denotes
Collector Side


Similar Part No. - DP0150ALP4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DP0150ALP4 DIODES-DP0150ALP4 Datasheet
118Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS31493 Rev. 3 - 2
DP0150ALP4-7 DIODES-DP0150ALP4-7 Datasheet
118Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS31493 Rev. 3 - 2
DP0150ALP4 DIODES-DP0150ALP4_15 Datasheet
290Kb / 5P
50V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 7
More results

Similar Description - DP0150ALP4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC856A_ DIODES-BC856A_ Datasheet
269Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
MMST4126 DIODES-MMST4126_1 Datasheet
82Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30161 Rev. 6 - 2
MMST5401 DIODES-MMST5401_1 Datasheet
209Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30170 Rev. 8 - 2
MMBT2907AT DIODES-MMBT2907AT_1 Datasheet
353Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 7 - 2
BC857AT DIODES-BC857AT_1 Datasheet
353Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30275 Rev. 8 - 2
2DC4617QLP DIODES-2DC4617QLP_11 Datasheet
136Kb / 5P
50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 4
DN0150ALP4 DIODES-DN0150ALP4_11 Datasheet
97Kb / 5P
50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 4
BC857BLP DIODES-BC857BLP_11 Datasheet
95Kb / 4P
50V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 10
2DC2412R DIODES-2DC2412R_15 Datasheet
190Kb / 6P
50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 3
2DC2412R DIODES-2DC2412R_V01 Datasheet
195Kb / 6P
50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 3 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com