Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G06DW Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74LVC2G06DW
Description  DUAL INVERTER WITH OPEN DRAIN OUTPUTS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G06DW Datasheet(HTML) 5 Page - Diodes Incorporated

  74LVC2G06DW Datasheet HTML 1Page - Diodes Incorporated 74LVC2G06DW Datasheet HTML 2Page - Diodes Incorporated 74LVC2G06DW Datasheet HTML 3Page - Diodes Incorporated 74LVC2G06DW Datasheet HTML 4Page - Diodes Incorporated 74LVC2G06DW Datasheet HTML 5Page - Diodes Incorporated 74LVC2G06DW Datasheet HTML 6Page - Diodes Incorporated 74LVC2G06DW Datasheet HTML 7Page - Diodes Incorporated 74LVC2G06DW Datasheet HTML 8Page - Diodes Incorporated 74LVC2G06DW Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
74LVC2G06
DUAL INVERTER WITH OPEN DRAIN OUTPUTS
74LVC2G06
Document number: DS35161 Rev. 3 - 2
5 of 9
www.diodes.com
June 2011
© Diodes Incorporated
Operating Characteristics
TA = 25 ºC
Parameter
Test
Conditions
VCC = 1.8V
VCC = 2.5V
VCC = 3.3V
VCC = 5V
Unit
Typ.
Typ.
Typ.
Typ.
Cpd
Power dissipation
capacitance
f = 10 MHz
3
3
4
6
pF
Parameter Measurement Information
VCC
Inputs
VM
VLOAD
CL
RL
V
∆
VI
tr/tf
1.8V±0.15V
VCC
≤2ns
VCC/2
2 X VCC
30 pF
1 K
Ω
0.15 V
2.5V±0.2V
VCC
≤2ns
VCC/2
2 X VCC
30 pF
500
Ω
0.15 V
3.3V±0.3V
3 V
≤2.5ns
1.5 V
6 V
50 pF
500
Ω
0.3 V
5V±0.5V
VCC
≤2.5ns
VCC/2
2 X VCC
50 pF
500
Ω
0.3 V
Voltage Waveform
Pulse Duration
Voltage Waveform
Propagation Delay Times
Figure 1. Load Circuit and Voltage Waveforms
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate
≤ 10 MHz
C. The inputs are measured one at a time with one transition per measurement.
D. For the open drain device tPLZ and tPZL are the same as tPD
E. tPZL is measured at VM.
F. tPLZ is measured at VOL +V∆
TEST
Condition
tPLZ (see Notes D and E)
tPZL(see Notes D and F)
Vload
Vload



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com