Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G06DW Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74LVC2G06DW
Description  DUAL INVERTER WITH OPEN DRAIN OUTPUTS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G06DW Datasheet(HTML) 1 Page - Diodes Incorporated

  74LVC2G06DW Datasheet HTML 1Page - Diodes Incorporated 74LVC2G06DW Datasheet HTML 2Page - Diodes Incorporated 74LVC2G06DW Datasheet HTML 3Page - Diodes Incorporated 74LVC2G06DW Datasheet HTML 4Page - Diodes Incorporated 74LVC2G06DW Datasheet HTML 5Page - Diodes Incorporated 74LVC2G06DW Datasheet HTML 6Page - Diodes Incorporated 74LVC2G06DW Datasheet HTML 7Page - Diodes Incorporated 74LVC2G06DW Datasheet HTML 8Page - Diodes Incorporated 74LVC2G06DW Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
74LVC2G06
DUAL INVERTER WITH OPEN DRAIN OUTPUTS
74LVC2G06
Document number: DS35161 Rev. 3 - 2
1 of 9
www.diodes.com
June 2011
© Diodes Incorporated
Description
The 74LVC2G06 is a dual inverter gate with open drain
outputs. The device is designed for operation with a power
supply range of 1.65V to 5.5V. The input is tolerant to 5.5V
allowing this device to be used in a mixed voltage
environment. The device is fully specified for partial power
down applications using IOFF. The IOFF circuitry disables the
output preventing damaging current backflow when the
device is powered down. The open-drain output can be
connected to other open drain outputs to implement active-
low wired-OR or active-high wired-AND functions. The
maximum sink current is 32 mA.
Pin Assignments
Features
•
Wide Supply Voltage Range from 1.65V to 5.5V
•
-24mA Output Drive at 3.0V
•
CMOS low power consumption
•
IOFF Supports Partial-Power-Down Mode Operation
•
Inputs accept up to 5.5V
•
ESD Protection Tested per JESD 22
o
Exceeds 200-V Machine Model (A115-A)
o
Exceeds 2000-V Human Body Model (A114-A)
o
Exceeds 1000-V Charged Device Model (C101)
•
Latch-Up Exceeds 100mA per JESD 78, Class II
•
Range of Package Options
•
SOT26, SOT363, and DFN1010 Available in “Green”
Molding Compound (no Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
Applications
•
Voltage Level Shifting
•
General Purpose Logic
•
Power Down Signal Isolation
•
Wide array of products such as:
o
PCs, networking, notebooks, netbooks, PDAs
o
Computer peripherals, hard drives, CD/DVD ROM
o
TV, DVD, DVR, set top box
o
Cell Phones, Personal Navigation / GPS
o
MP3 players ,Cameras, Video Recorders
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
1A
2A
2Y
1Y
(Top View)
6
4
3
2
1
GND
V
CC
5
1A
2A
GND
SOT26/SOT363
DFN1010
2Y
1Y
V
CC
1
3
2
6
4
5
(Top View)


Similar Part No. - 74LVC2G06DW

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
74LVC2G06DW-TP TECHPUBLIC-74LVC2G06DW-TP Datasheet
2Mb / 5P
INVERTERS WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - 74LVC2G06DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G06 TI-SN74LVC2G06 Datasheet
317Kb / 12P
DUAL INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
logo
ON Semiconductor
NL27WZ06 ONSEMI-NL27WZ06 Datasheet
86Kb / 8P
Dual Inverter with Open Drain Outputs
May, 2004 ??Rev. 4
logo
NXP Semiconductors
74HC3G06 PHILIPS-74HC3G06 Datasheet
88Kb / 14P
Inverter with open-drain outputs
2003 Dec 02
logo
ON Semiconductor
NL27WZ06 ONSEMI-NL27WZ06_07 Datasheet
94Kb / 7P
Dual Inverter with Open Drain Outputs
February, 2007 ??Rev. 6
logo
Texas Instruments
SN74AUC2G06 TI-SN74AUC2G06 Datasheet
341Kb / 13P
DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G06-EP TI1-SN74LVC2G06-EP Datasheet
353Kb / 11P
DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
ON Semiconductor
NL27WZ06 ONSEMI-NL27WZ06_12 Datasheet
127Kb / 7P
Dual Inverter with Open Drain Outputs
April, 2012 ??Rev. 9
logo
Unisonic Technologies
U74HCT3G06 UTC-U74HCT3G06 Datasheet
184Kb / 4P
INVERTER WITH OPEN-DRAIN OUTPUTS
logo
ON Semiconductor
NL27WZ06 ONSEMI-NL27WZ06_13 Datasheet
123Kb / 6P
Dual Inverter with Open Drain Outputs
May, 2013 ??Rev. 10
NL27WZ06 ONSEMI-NL27WZ06_V01 Datasheet
329Kb / 13P
Dual Inverter with Open Drain Outputs
September, 2020 - Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com