Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL9910AS-13 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AL9910AS-13
Description  UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9910AS-13 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AL9910AS-13 Datasheet HTML 7Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 8Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 9Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 10Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 11Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 12Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 13Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 14Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AL9910/AL99
Document number
Ordering I
Device
AL9910S-13
AL9910AS-13
AL9910-5SP-1
AL9910SP-13
AL9910ASP-1
Notes:
7. Pad
http:
Marking In
(1) SO-8
(2) SO-8EP
910A/AL9910
r: DS 35103 Rev. 3
nformation
VCS toler
±10%
±10%
13
±5%
±10%
3
±10%
layout as shown o
://www.diodes.com
nformation
Part Nu
9910 fo
9910A
0-5
3 - 2
n
rance
Packa
%
%
%
S
%
S
%
S
n Diodes Inc. sugg
/datasheets/ap020
n
umber
or 7.5V
for 10V
Logo
Variant
Blank : 7.5V
A : 10V
Variant
Blank : 7.5V
A : 10V
UNIVE
ww
ge Code Pac
S
S
SP
SP
SP
gested pad layout d
001.pdf.
9910 X
(Top V
YY WW
87
1
2
AL991
P
S
SP
V
DD
V
DD
AL991
P
S
SP
V
DD
V
DD
AL99
ERSAL HIG
13 of 15
ww.diodes.com
ckaging (Note
SO-8
SO-8
SO-8EP
SO-8EP
SO-8EP
document AP02001
X
iew)
W X X
65
34
0 X XX -
Package
S : SO-8
P : SO-8EP
0 X XX -
Package
S : SO-8
P : SO-8EP
910/AL
GH VOLTA
7)
Qua
2500/Tap
2500/Tap
2500/Tap
2500/Tap
2500/Tap
1, which can be fou
WW : Wee
YY : Year :
G : Green
X X : Intern
represents
13
Pac
13 : 13” Ta
13
Pac
13 : 13” Ta
L9910A
GE HIGH B
13” Tape
antity
pe & Reel
pe & Reel
pe & Reel
pe & Reel
pe & Reel
und on our website
ek : 01~52; 52
: 08, 09,10~
nal Code
s 52 and 53 w
king
ape & Reel
king
ape & Reel
A/AL99
BRIGHTNE
J
© Diodes
and Reel
Part Number
-13
-13
-13
-13
-13
at
2
week
910-5
ESS LED
DRIVER
une 2011
Incorporated
r Suffix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com